Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5015 Datasheet(PDF) 3 Page - BOWIN ELECTRONIC CO.

Part # LS5015
Description  Simple LCD micro-controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS5015 Datasheet(HTML) 3 Page - BOWIN ELECTRONIC CO.

  LS5015 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS5015 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS5015 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS5015 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS5015 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS5015 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS5015 Datasheet HTML 7Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LSI
LS5015
3
Pin Assignment
DESIGNATION
TYPE
DESCRIPTION
B [0:1]
OUTPUT
Buzzer output
V1, V2
OUTPUT
Doubler output
VEE
OUTPUT
-1.5V
T2, T1
INPUT (PL)
TEST pin
OO
OUTPUT
32KHz oscillator output
OI
INPUT
32KHz oscillator input
VDD
POWER
+1.5V power supply
GND
POWER
Ground
I[0:5]
INPUT(PL)
Input key/option
O[0:3]
OUTPUT
Trigger output (O[0:2])
C[1:3]
OUTPUT
LCD Common output
S[1:10]
OUTPUT
LCD Segment output
Note: (PL) – pull low
(PH) - pull high



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com