Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6032 Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # LS6032
Description  4 Digit Universal Timer with clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6032 Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  LS6032 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 9Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LSI
LS6032
Version 1.2 (29.12.00)
2
Functional Description
Power up
At power up, the LS6032 turns on all LCD for 1 second.
If BNCLOCK == VDD, the LS6032 display timer.
If BNCLOCK == GND, the LS6032 display clock “am 1:00”.
Clock Mode
In Clock Mode, press KH enters clock setting mode.
The setting sequence is : Clock Mode
Set Clock Hour
Set Clock Minute
Clock Mode.
Press KL to set the corresponding value.
Press KST enters Timer Mode.
Timer Mode Operation
The operation of the LS6032 depends on the 8 bonding option .
(Note : All bonding option input has a pull high resistor, therefore, floating == VDD).
BONDED
Description
VDD
Count up enable.
Press KST will count up if the timer value is 0:00.
BUP
GND
Count up disable
Press KST will have no function is the timer value is 0:00.
VDD
Count down enable.
Press KL, KH sets the timer value for count down.
BDN
GND
Count down disable
Press KL,. KH has no function for setting (no count down).
VDD
Minute Second mode.
Press KL sets second value, KH sets minute value.
BMS
GND
Hour Minute mode.
Press KL sets minute value, KH sets hour value.
VDD
Maximum range for hour setting is 99Hours.
B99
GND
Maximum range for hour setting is 19Hours.
VDD
No Clock
BNCL
OCK
GND
Enable clock. In timer mode, press KL,KH, KST simultaneously enters clock
mode.
VDD
Enable setting in PAUSE mode.
While the timer is counting, press KST enters PAUSE mode.
BSET
GND
No setting in PAUSE mode.
VDD
No repeat function.
BNRE
P
GND
Repeat function enabled.
The timer will restart from the setting value by the end of count automatically.
The alarm will last for 1 minute
VDD
If clock is selected (BNCLODK==GND), the timer return to clock mode after 1
minute of idle state.
If clock is not selected (BNCLOCK==VDD), the timer will be off.
BOFF
GND
If clock is selected (BNCLODK==GND), the timer return to clock mode after 1
minute of idle state.
If clock is not selected (BNCLOCK==VDD), the timer will be permanently on.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com