Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6032 Datasheet(PDF) 3 Page - BOWIN ELECTRONIC CO.

Part # LS6032
Description  4 Digit Universal Timer with clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6032 Datasheet(HTML) 3 Page - BOWIN ELECTRONIC CO.

  LS6032 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 9Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LSI
LS6032
Version 1.2 (29.12.00)
3
Mode Demonstration
The maximum combinationof LS6032 is 2^8 = 256 different option selected by the 8 bonding option.
Here are some demonstration of the mode of operation of LS6032:
B
U
P
B
D
N
B
M
S
B
9
9
B
N
C
L
O
C
K
B
S
E
T
B
N
R
E
P
B
O
F
F
DESCRIPTION
F
F
F
X
G
F
F
F
99 Minute 59 Second Up/Down Timer with Clock
F
F
G
F
G
F
F
F
99 Hour
59 Minute Up/Down Timer with Clock
F
F
G
G
G
F
F
F
19 Hour
59 Minute Up/Down Timer with Clock
F
F
F
X
G
F
G
F
Repeatable 99 Minute 59 Second Up/Down Timer with Clock
F
F
G
F
G
F
G
F
Repeatable 99 Hour
59 Minute Up/Down Timer with Clock
F
F
G
G
G
F
G
F
Repeatable 19 Hour
59 Minute Up/Down Timer with Clock
F
G
F
X
G
F
G
F
99 Minute 59 Second Up Timer with Clock
F
G
G
F
G
F
G
F
99 Hour
59 Minute Up Timer with Clock
F
G
G
G
G
F
G
F
19 Hour
59 Minute Up Timer with Clock
G
F
F
X
G
F
G
F
Repeatable 99 Minute 59 Second Down Timer with Clock
G
F
G
F
G
F
G
F
Repeatable 99 Hour
59 Minute Down Timer with Clock
G
F
G
G
G
F
G
F
Repeatable 19 Hour
59 Minute Down Timer with Clock
F : FLOATING (==VDD).
G: GND
X: Don’t Care
Pin Assignment
DESIGNATION
TYPE
DESCRIPTION
BD [0:1]
OUTPUT
Buzzer output
F512, VCAP
OUTPUT
Doubler output
VEE
OUTPUT
-1.5V
T1, T2
INPUT
TEST pin
COSCO
OUTPUT
32KHz oscillator output
COSCI
INPUT
32KHz oscillator input
VDD
POWER
+1.5V power supply
GND
POWER
Ground
KL, KH, KST
INPUT(PH)
Input key
BUP, BDN, B99, BMMSS,
BNCLOCK, BSET,
BNREP, BOFF
INPUT(PH)
Bonding option
C[1:3]
OUTPUT
LCD Common output
S[1:16]
OUTPUT
LCD Segment output
Note: (PH) - pull high



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com