Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6052 Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # LS6052
Description  6 Digit Watch 5 icon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6052 Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  LS6052 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6052 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6052 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6052 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6052 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6052 Datasheet HTML 6Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LSI
LS6052
Version 0.1 (30.10.00)
2
|PIN |SIGNAL|
|
|
|
=======================================
|
1 | C3
|
|
| C3
|
|
2 | C2
|
| C2
|
|
|
3 | C1
| C1
|
|
|
|
4 | S1
| 5B
| 5A
| 6E
|
|
5 | S2
| 5H
| 5F
| 6F
|
|
6 | S3
| 5C
| 5G
| 6A
|
|
7 | S4
| 5D
| 5E
| 6B
|
|
8 | S5
| 4B
| 4A
| 6G
|
|
9 | S6
| 4G
| 4F
| 6I
|
| 10 | S7
| 4C
| 4E
| 6C
|
| 11 | S8
| 4D
| EE
| 6D
|
| 12 | S9
| 3B
| 3A
| DD
|
| 13 | S10
| 3G
| 3F
| CC
|
| 14 | S11
| 3C
| 3E
| BB
|
| 15 | S12
| 3D
| :
| AA
|
| 16 | S13
| 2B
| 2A
| PM
|
| 17 | S14
| 2G
| 2F
| 1ADEG
|
| 18 | S15
| 2C
| 2E
| 1B
|
| 19 | S16
| 2D
| *))
| 1C
|




Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com