Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6052 Datasheet(PDF) 3 Page - BOWIN ELECTRONIC CO.

Part # LS6052
Description  6 Digit Watch 5 icon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6052 Datasheet(HTML) 3 Page - BOWIN ELECTRONIC CO.

  LS6052 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6052 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6052 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6052 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6052 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6052 Datasheet HTML 6Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LSI
LS6052
Version 0.1 (30.10.00)
3
Pin Assignment
DESIGNATION
TYPE
DESCRIPTION
B [0:1]
OUTPUT
Buzzer output
VC1, VC2
OUTPUT
Halfer output
VEE
OUTPUT
Halfer voltage
T2, T1
INPUT (PL)
TEST pin
OO
OUTPUT
oscillator output
OI
INPUT
oscillator input
VDD
POWER
+3.0V power supply
GND
POWER
Ground
I0(KICON)
INPUT
KEY
I1(KMODE)
INPUT
KEY
I2(KEL)
INPUT
KEY
I3(KSET)
INPUT
KEY
I4(BP0)
INPUT
BONDING OPTION
I5(BP1)
INPUT
BONDING OPTION
R[0:1]
OUTPUT
Output /EL output
C[1:3]
OUTPUT
LCD Common output
S[1:28]
OUTPUT
LCD Segment output
Note: (PL) – pull low
(PH) - pull high
Absolute Maximum Ratings
Supply voltage Vdd - Vss..........................0 to 5V
Input voltage Vin.................................Vss to Vdd
Operating temperature Top .............-10°C to 60°C
Storing temperature Tst ...................-40°C to 70°C
D.C. Electrical Characteristics
(GND = 0V, Vdd = 3.0V, Ta = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
Vdd
2.5
3.0
3.6
V
Operating current
Idd
-
3
6
µA
No load
OSC. built-in cap
Cd
-
15
-
pF
Bonding option
Buzzer output current
Ib
500
-
-
µA
Vbd-Vss=0.5
LCD frequency
Flcd
-
64
-
Hz
Segment current
Is
0.15
-
-
µA
Vseg=0.2V
Common current
Ic
3.0
-
-
µA
Vcom=0.2V
R[0:1] output current
Ir
0.8
-
-
mA
Vr-Vss=0.7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com