Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9075B Datasheet(PDF) 46 Page - Mitel Networks Corporation

Part # MT9075B
Description  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075B Datasheet(HTML) 46 Page - Mitel Networks Corporation

Back Button MT9075B Datasheet HTML 42Page - Mitel Networks Corporation MT9075B Datasheet HTML 43Page - Mitel Networks Corporation MT9075B Datasheet HTML 44Page - Mitel Networks Corporation MT9075B Datasheet HTML 45Page - Mitel Networks Corporation MT9075B Datasheet HTML 46Page - Mitel Networks Corporation MT9075B Datasheet HTML 47Page - Mitel Networks Corporation MT9075B Datasheet HTML 48Page - Mitel Networks Corporation MT9075B Datasheet HTML 49Page - Mitel Networks Corporation MT9075B Datasheet HTML 50Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 78 page
background image
MT9075B
Preliminary Information
46
Table 44 - Jitter Attenuator Status Word
(Page 03H, Address 17H)
Bit
Name
Functional Description
7 - 0 RxEBC7 -0 Receive Eighth Bit Count. The 8
least significant bit of a counter
that indicates the number of one
eighth bit times there are between
the ST-BUS frame pulse and
receive frame pulse (RxFP).The
accuracy of the this measurement
is
approximately
+ 1/16
(one
sixteenth) of a bit.
Table 43 - Least Significant Phase Status Word
(Page 03H, Address 16H)
Bit
Name
Functional Description
7
JACS
Jitter Attenuated Clock Slow. If
one it indicates that the dejittered
clock period is increased by 1/16 UI.
If zero the clock is at normal speed.
6
JACF
Jitter Attenuated Clock Fast. If
one it indicates that the dejittered
clock period is decreased by 1/16
UI. If zero the clock is at normal
speed.
5
JAE
Jitter Attenuator FIFO Empty. If
one it indicates that the JA FIFO is
empty.
4
JAF4
Jitter Attenuator FIFO with 4 Full
Locations. If one it indicates that
the JA FIFO has at least 4 full
locations.
3
JAFC
Jitter Attenuator Center Full. If
one it indicates that the JA FIFO is
at least half full.
2
JAE4
Jitter Attenuator FIFO with 4
Empty
Locations.
If
one
it
indicates that the JA FIFO has at
most 4 empty locations.
1
JAF
Jitter Attenuator FIFO Full. If one
it indicates that the JA FIFO is full.
0
---
Unused
Bit
Name
Functional Description
7LL
Long Loop. This bit is one when
the line signal has an amplitude so
attenuated as to require substantial
equalization for data recovery.
6ML
Medium Loop. This bit is one when
the line signal has an amplitude so
attenuated
as
to
require
some
equalization for data recovery.
5SL
Short Loop. This bit is one when
the line signal has an amplitude with
minimal attenuation.
4
LLOS
LIU Loss of Signal Indication.
This bit will be one when the
received signal amplitude is more
than 20 dB below the nominal value
for a period of at least 1 msec. This
bit will be zero for normal operation.
3-0
---
Unused
Table 45 - Receive Signal Status Word
(Page 03H, Address 18H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com