Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5859AF Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM5859AF
Description  compression and non compression type antishock memory controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5859AF Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM5859AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5859AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5859AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5859AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5859AF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5859AF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5859AF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5859AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5859AF Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
SM5859AF
NIPPON PRECISION CIRCUITS-13
Bit
Name
Function
H operation
Reset level
D7
MSWREN
Encode sequence start/stop
Start
L
D6
MSWACL
Write address reset
Reset
L
D5
MSRDEN
Decode sequence start/stop
Start
L
D4
MSRACL
Read address reset
Reset
L
D3
MSDCN2
MSDCN2=H, MSDCN1=H: 3-pair comparison start
L
MSDCN2=H, MSDCN1=L: 2-pair comparison start
D2
MSDCN1
MSDCN2=L, MSDCN1=H: Direct-connect start
L
MSDCN2=L, MSDCN1=L: Connect operation stop
D1
WAQV
Q data valid
Valid
L
D0
MSON
Memory system ON
ON
L
1000 0000
80hex =
Anti-shock memory system settings
Bit
Name
Function
H operation Reset level
D7
D6
D5
UC6OE
Extension I/O port UC6 input/output setting
Output
L
D4
UC5OE
Extension I/O port UC5 input/output setting
Output
L
D3
UC4OE
Extension I/O port UC4 input/output setting
Output
L
D2
UC3OE
Extension I/O port UC3 input/output setting
Output
L
D1
UC2OE
Extension I/O port UC2 input/output setting
Output
L
D0
UC1OE
Extension I/O port UC1 input/output setting
Output
L
1000 0001
81hex =
Extension I/O port input/output settings
Bit
Name
Function
H operation Reset level
D7
D6
D5
UC6WD
Extension I/O port UC6 output data setting
H output
L
D4
UC5WD
Extension I/O port UC5 output data setting
H output
L
D3
UC4WD
Extension I/O port UC4 output data setting
H output
L
D2
UC3WD
Extension I/O port UC3 output data setting
H output
L
D1
UC2WD
Extension I/O port UC2 output data setting
H output
L
D0
UC1WD
Extension I/O port UC1 output data setting
H output
L
1000 0010
82hex =
Extension port HIGH/LOW output level
A port setting is invalid if that port has already been defined as an input using the 81H command above.
Command table
Write command summary
MS command 80
Extension I/O settings 81
Extension I/O output data settings 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com