Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16116 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # PDSP16116
Description  16 X 16 Bit Complex Multiplier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16116 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  PDSP16116 Datasheet HTML 1Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 2Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 3Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 4Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 5Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 6Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 7Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 8Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PDSP16116
2
SYSTEM FEATURES
The PDSP16116 has a number of features tailored for sys-
tem applications.
(21)3(21) Trap
In multiply operations using two’s complement fractional no-
tation, the (21)3(21) operation forms an invalid result because
11 is not representable in the fractional number range. The
PDSP16116 eliminates this problem by trapping the (21)3(21)
operation and forcing the multiplier result to become the most
positive representable number.
Complex Conjugation
Many algorithms using complex arithmetic require conjuga-
tion of complex data stream. This operation has traditionally re-
quired an additional ALU to multiply the imaginary component
by -1. The PDSP16116 eliminates this requirement by offering
on-chip complex conjugation of either of the two incoming com-
plex data words with no loss in throughput.
Easy Interfacing
As with all PDSP family members the PDSP16116 has reg-
istered l/O for data and control. Data inputs have independent
clock enables and data outputs have independent three state
output enables.
Signal
XR15:0
Xl15:0
YR15:0
Yl15:0
PR15:0
Pl15:0
CLK
CONX
CONY
ROUND
MBFP
AR15:1 3
Al15:1 3
WTA1:0
WTB1:0
WTOUT1:0
SFTA1:0
SFTR2:0
GWR4:0
OSEL1:0
VDD
GND
Type
Input
Input
Input
Input
Output
Output
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Output
Output
Output
Output
Input
Input
Power
Power
Description
16-bit input for real X data
16-bit input for imaginary X data
16-bit input for real Y data
16-bit input for imaginary Y data
16-bit output for real P data
16-bit output for imaginary P data
Clock; new data is loaded on rising edge of CLK
Clock, enable X-port input register
Clock, enable Y-port input register
Conjugate X data
Conjugate Y data
Rounds the real and imaginary results
Mode select (BFP/Normal)
Start of BFP operations (see Note 1)
End of pass (See Note 1)
3 MSBs from real part of A-word (See Note 1)
3 MSBs from imaginary part of A-word (See Note 1)
Word tag from A-word
Word tag from B-word/shift control (See Note 2)
Word tag output (See Note 1)
Shift control for A-word / overflow flag (See Note 2)
Shift control for accumulator result (See Note 1)
Global weighting register contents (See Note 1)
Selects the desired output configuration
Output enables
15V Supply (See Note 3)
0V Supply (See Note 3)
Normal
mode
configuration
Tie low
Tie low
Tie low
Tie low
Tie low
Tie low
NOTES
1. Used only in BFP mode
2. Performs different functions in BFP/Normal modes
3. All supply pins must be connected
Table 1 Signal descriptions
CEX
CEY
SOBFP
EOPSS
OER, OEI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com