Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16116 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # PDSP16116
Description  16 X 16 Bit Complex Multiplier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16116 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  PDSP16116 Datasheet HTML 1Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 2Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 3Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 4Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 5Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 6Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 7Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 8Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
PDSP16116
5
Signal
VDD
GND
PR13
PR12
PR11
PR10
PR9
PR8
PR7
PR6
PR5
GND
VDD
PR4
PR3
PR2
PR1
PR0
PI0
PI1
PI2
PI3
PI4
VDD
PI5
GND
PI6
PI7
PI8
PI9
PI10
PI11
PI12
PI13
GND
VDD
GG
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
Signal
PI14
PI15
WTOUT1
WTOUT0
SFTR0
SFTR1
SFTR2
OEI
CONY
CONX
ROUND
AI13
AI14
AI15
AR13
AR14
AR15
YI15
YI14
YI13
YI12
YI11
YI10
YI9
YI8
YI7
YI6
YI5
YI4
YI3
YI2
YI1
YI0
XI0
GND
VDD
AC
D3
C2
B1
D2
E3
C1
E2
D1
F2
F3
E1
G2
G3
F1
G1
H2
H1
H3
J3
J1
K1
J2
K2
K3
L1
L2
M1
N1
M2
L3
N2
P1
M3
N3
B2
A1
GG
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
Signal
XI1
XI2
XI3
XI4
XI5
XI6
XI7
XI8
XI9
XI10
XI11
XI12
XI13
XI14
XI15
CEY
CEX
XR15
XR14
XR13
XR12
XR11
XR10
XR9
XR8
XR7
XR6
XR5
XR4
XR3
XR2
XR1
XR0
YR15
YR14
YR13
AC
N4
P3
R2
P4
N5
R3
P5
R4
N6
P6
R5
P7
N7
R6
R7
P8
R8
N8
N9
R9
R10
P9
P10
N10
R11
P11
R12
R13
P12
N11
P13
R14
N12
N13
P14
R15
GG
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
Signal
GND
VDD
YR12
YR11
YR10
YR9
YR8
YR7
YR6
YR5
YR4
YR3
YR2
YR1
YR0
EOPSS
VDD
SOBFP
WTB1
WTB0
WTA1
WTA0
MBFP
CLK
OSEL1
OSEL0
OER
SFTA0
SFTA1
GWR0
GWR1
GWR2
GWR3
GWR4
PR15
PR14
AC
P2
R1
P15
M14
L13
N15
L14
M15
K13
K14
L15
J14
J13
K15
J15
H14
H15
H13
G13
G15
F15
G14
F14
F13
E15
E14
D15
C15
D14
E13
C14
B15
D13
C13
B14
A15
GG
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
AC
N14
M13
A14
B12
C11
A13
B11
A12
C10
B10
A11
B13
C12
A10
A9
B8
A8
C8
C7
A7
A6
B7
B6
C6
A5
B5
A4
A3
B4
C5
B3
A2
C4
C3
B9
C9
NOTE. All GND and VDD pins must be used
Table 2 Pin connections for AC144 (Power) and GG144 packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com