Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16256B0 Datasheet(PDF) 18 Page - Mitel Networks Corporation

Part # PDSP16256B0
Description  Programmable FIR Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16256B0 Datasheet(HTML) 18 Page - Mitel Networks Corporation

Back Button PDSP16256B0 Datasheet HTML 14Page - Mitel Networks Corporation PDSP16256B0 Datasheet HTML 15Page - Mitel Networks Corporation PDSP16256B0 Datasheet HTML 16Page - Mitel Networks Corporation PDSP16256B0 Datasheet HTML 17Page - Mitel Networks Corporation PDSP16256B0 Datasheet HTML 18Page - Mitel Networks Corporation PDSP16256B0 Datasheet HTML 19Page - Mitel Networks Corporation PDSP16256B0 Datasheet HTML 20Page - Mitel Networks Corporation PDSP16256B0 Datasheet HTML 21Page - Mitel Networks Corporation PDSP16256B0 Datasheet HTML 22Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
PDSP16256
18
RES must be held low
for 16 cycles
BUSY goes active
Coefficient loading may start
once BUSY has returned low
1234567
16 17
37
38
39
DEVICE RESET
SCLK
RES
BUSY
1234567
BYTE WIDE COEFFICIENT LOAD
8
67
68
69
70
71
00
01
00
01
02
03
3E
3F
00
AC
10
00
20
00
00
02
Control register loaded
with CCS high
Blank cycles Coefficients loaded into the required address location.
This example uses byte wide loading (BYTE held low).
CS
must be maintained
for two cycles
SCLK
CCS
A7:0
C15:0
CS
WEN
Control register loaded
with CCS high
Blank cycles Coefficients loaded into the required address location.
This example uses word wide loading (BYTE held high).
WEN
1234567
WORD WIDE COEFFICIENT LOAD
8
34
35
36
37
38
00
01
02
03
1E
1F
AC00
0020
0030
0040
0050
001F
0200
SCLK
CCS
A7:0
C15:0
CS
00
0010
04
1234567
START OF FILTER OPERATION
8
916
17
18
19
0010
0000
0090
0001
SCLK
FEN
DA15:0
F31:0
CLKOP
0020
0030
0040
0050
00A0
0001
0004
0004
0000
0000
0000
0000
0000
0000
0000
0000
0000
The first data sample
is read as FEN goes high
The first result available. CLKOP
indicates the first active result cycle
Figure. 19 Device startup timing diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com