Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16256B0 Datasheet(PDF) 21 Page - Mitel Networks Corporation

Part # PDSP16256B0
Description  Programmable FIR Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16256B0 Datasheet(HTML) 21 Page - Mitel Networks Corporation

Back Button PDSP16256B0 Datasheet HTML 17Page - Mitel Networks Corporation PDSP16256B0 Datasheet HTML 18Page - Mitel Networks Corporation PDSP16256B0 Datasheet HTML 19Page - Mitel Networks Corporation PDSP16256B0 Datasheet HTML 20Page - Mitel Networks Corporation PDSP16256B0 Datasheet HTML 21Page - Mitel Networks Corporation PDSP16256B0 Datasheet HTML 22Page - Mitel Networks Corporation PDSP16256B0 Datasheet HTML 23Page - Mitel Networks Corporation PDSP16256B0 Datasheet HTML 24Page - Mitel Networks Corporation PDSP16256B0 Datasheet HTML 25Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
PDSP16256
21
Electrical Characteristics
The Electrical Characteristics are guaranteed over the following range of operating conditions, unless
otherwise stated:
Commercial: TAMB = 0°C to+70°C, VDD = +5V±5%, GND = 0V
IndustriaL: TAMB = -40°C to +85°C, VDD = +5V±10%, GND = 0V
Military: TAMB = -55°C to +125°C, VDD = +5V±10%, GND = 0V
Static Characteristics
Min.
Typ.
Max.
Output high voltage
Output low voltage
Input high voltage (CMOS)
Input low voltage (CMOS)
Input high voltage (TTL)
Input low voltage (TTL)
Input leakage current
Input capacitance
Output leakage current
Output short circuit current
10
-
0·4
-
1·0
-
0·8
110
150
300
2·4
-
3·5
-
2·0
-
210
250
10
VOH
VOL
VIH
VIL
VIH
VIL
IIN
CIN
IOZ
IOS
IOH = 4mA
IOH = 4mA
SCLK input only
SCLK input only
All other inputs
All other inputs
GND < VIN < VDD
GND < VOUT < VDD
VDD = 15·5V
V
V
V
V
V
V
µA
pF
µA
mA
Units
Value
Conditions
Characteristic
Symbol
Max.
Min.
Input signal setup to clock rising edge
Input signal hold after clock rising edge
OEN
set up to clock rising edge
OEN
hold after clock rising edge
Clock rising edge to output signal valid
Clock frequency
Clock high time
Clock low time
Clock to data valid F bus from high impedance
Clock to data high impedance F bus
VDD current
ns
ns
ns
ns
ns
MHz
ns
ns
ns
ns
mA
8
4
20
4
5
-
18
11
-
-
-
tHS
tHH
tOS
tOH
tCD
fSCLK
tCH
tCL
tCVF
tCZF
IDD
-
-
-
-
28
20
-
-
30
30
380
30pF
See Fig. 23
See Fig. 23
See Note 1
NOTE 1. VDD = 15·5V, outputs unloaded, clock frequency = Max.
Commercial
Conditions
Units
Characteristic
Symbol
Switching Characteristics (see Figs. 20, 21 and 22)
Max.
-
-
-
-
26
25
-
-
30
30
400
Min.
Max.
8
4
20
4
5
-
20
12
-
-
-
-
-
-
28
20
-
-
30
30
380
Industrial
Min.
8
4
20
4
5
-
20
12
-
-
Military



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com