Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16488AC Datasheet(PDF) 18 Page - Mitel Networks Corporation

Part # PDSP16488AC
Description  Single Chip 2D Convolver with Integral Line Delays
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16488AC Datasheet(HTML) 18 Page - Mitel Networks Corporation

Back Button PDSP16488AC Datasheet HTML 14Page - Mitel Networks Corporation PDSP16488AC Datasheet HTML 15Page - Mitel Networks Corporation PDSP16488AC Datasheet HTML 16Page - Mitel Networks Corporation PDSP16488AC Datasheet HTML 17Page - Mitel Networks Corporation PDSP16488AC Datasheet HTML 18Page - Mitel Networks Corporation PDSP16488AC Datasheet HTML 19Page - Mitel Networks Corporation PDSP16488AC Datasheet HTML 20Page - Mitel Networks Corporation PDSP16488AC Datasheet HTML 21Page - Mitel Networks Corporation PDSP16488AC Datasheet HTML 22Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
18
Switching Characteristics for Host mode
DS hold time after REPLY low
Host address/data setup time
Read setup time to prevent Write
Host signal hold time
Expansion in to data out in PROG mode
Delay from DS low to PC1 low (Note 2)
CE setup time
CE hold time
PROG setup time
PROG hold time
PC1 high delay after DS high
Coefficient read time
Coefficients valid time before REPLY
Only applicable for Read ops and if REPLY is used
Only applicable if REPLY is used (Note 1)
Must always be guaranteed
No clocks are needed in PROG mode
Greater than tDEL under all conditions
Defines DS high time
From Master or Single device
Conditions
Characteristic
Value
Min.
20
0
5
10
0
0
0
0
5
Symbol
Max.
30
50
50
50
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Units
tDSH
tHSU
tRA
tHH
tDEL
tEXP
tCSU
tCH
tPSU
tPH
tPCH
tACC
tRSU
DS
DATUM
tCSU
tCH
tWAIT > tPCH
tPSU
tPH
tACC
tEXP
tRSU
tPCH
tDSH
tRA
tHSU
tDEL
tHH
VALID
VALID
CE
PROG
COEFFICIENT OUTPUT, X7:0
PC1 FROM MASTER OR SINGLE DEVICE
PC1 FROM LAST DEVICE (REPLY)
R/W FROM HOST
ADDRESS/DATA FROM HOST
HOST DATA OUTPUT FROM FIRST DEVICE
Fig. 10 Host timing
NOTES
1. If REPLY is not used, time is referenced to the rising edge of DS and when set up must be N
tDEL for N devices.
2. Equivalent to PC0 to PC1 delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com