Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16488AC Datasheet(PDF) 25 Page - Mitel Networks Corporation

Part # PDSP16488AC
Description  Single Chip 2D Convolver with Integral Line Delays
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16488AC Datasheet(HTML) 25 Page - Mitel Networks Corporation

Back Button PDSP16488AC Datasheet HTML 21Page - Mitel Networks Corporation PDSP16488AC Datasheet HTML 22Page - Mitel Networks Corporation PDSP16488AC Datasheet HTML 23Page - Mitel Networks Corporation PDSP16488AC Datasheet HTML 24Page - Mitel Networks Corporation PDSP16488AC Datasheet HTML 25Page - Mitel Networks Corporation PDSP16488AC Datasheet HTML 26Page - Mitel Networks Corporation PDSP16488AC Datasheet HTML 27Page - Mitel Networks Corporation PDSP16488AC Datasheet HTML 28Page - Mitel Networks Corporation PDSP16488AC Datasheet HTML 29Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
25
EPROM
PROG
CE
RES
DELOP
D15:0
DELAYED
SYNC
SYNC
IP7:0
PC0
R/W
HRES
BYPASS
L7:0
PDSP16488A
8 4
WINDOW
IP7:0
PC1
HRES
R/W
BYPASS
L7:0
PROG
CE
RES
D15:0
BIN
OVR
OEN
DATA OUT
BIN
OVERFLOW
OUTPUT
ENABLE
16-BIT
PIXEL
DATA
GND
GND
O/C
GND
PDSP16488A
8 4
WINDOW
VDD
15k
NOM
MSB
VDD
15k
NOM
VDD
GND
Non-interlaced
HOST CPU
PROG
CE
RES
DELOP
D15:0
ADDRESS
DECODE
DELAYED
SYNC
IP7:0
R/W
HRES
BYPASS
L7:0
PDSP16488A
8 4
WINDOW
DS
PC1
IP7:0
HRES
R/W
BYPASS
L7:0
PROG
CE
RES
D15:0
BIN
OVR
OEN
DATA OUT
BIN
OVERFLOW
OUTPUT
ENABLE
16-BIT
PIXEL
DATA
VDD
FIELD
DELAY
R/W
REPLY
O/C
PDSP16488A
8 4
WINDOW
Interlaced
READ REGISTERS
(TRISTATE ENABLE)
MSB
O/C
MSB
MSB
LSB
LSB
D7:0
SYNC
ODD FIELD
PIXEL CLOCK
CLK
RESET
RES
PIXEL CLOCK
CLK
RESET
RES
Fig. 15 Dual device 16-bit systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com