Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16488C0 Datasheet(PDF) 14 Page - Mitel Networks Corporation

Part # PDSP16488C0
Description  Single Chip 2D Convolver with Integral Line Delays
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16488C0 Datasheet(HTML) 14 Page - Mitel Networks Corporation

Back Button PDSP16488C0 Datasheet HTML 10Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 11Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 12Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 13Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 14Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 15Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 16Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 17Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 18Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
14
R/W
DS
cease when the value in the counter equals that
contained in these bits. The bits are redundant in a
Single device which only uses one 128-byte block.
BITS 6:4 These bits define one of the five basic configurations.
The line delays will automatically be configured to
match the chosen window size and pixel accuracy.
The maximum clock rate that is available to the user
reflects the internal multiplication factor.
BIT 7
This bit must be set if the pixel clock is greater than
20MHz. It disables the output and input time
multiplexing, and instead outputs the least significant
half of the 32-bit intermediate sum for the complete
clock cycle. When the gain control is used, the output
multiplexing will automatically be disabled.
Register B bit allocation (Table 9)
BIT 0
This bit defines the input for the second group of line
delays. It must be set in the 16-bit pixel modes, and
is set by power on reset.
BIT 2:1
These bits control the mode of operation of the line
stores. In real time systems pixels can be stored
either until HRES (sync) goes high , or until a pre-
determined count is reached. In the frame store
mode line store operations are continuous, with a
pre-determined line length.
BIT 3
When this bit is set four pipeline delays are added to
the pixel inputs to compensate for the internal/
external delays between line stores. The extra delay
is only necessary when a device supplied with
system video in which the first pixel in a line is valid
in the period following the first active clock edge. See
Fig 7. The delay is not necessary if the device is fed
from the output of another convolver. When set this
bit will add four additional delays to those defined by
register D, bits 4: 2.
BIT 4
When this bit is set the expansion adder will not be
used. It is automatically set in a Master or Single
device.
EPROM control lines
X7:0
8 bit data from the EPROM to the Master or Single
device. Otherwise data is received from the previous
device in the chain.
X14:8
Lower 7 address bits to the EPROM from a Master or
Single device. Otherwise an input from the data
output of the previous device.
X15
Tied to ground on a Master device to indicate the
EPROM mode.
Tied low on all devices.
An output from a Master or Single device which
provides a data strobe for the other devices. A pullup
resistor is required on this pin in EPROM mode
CS3: 0
Four additional address bits for the EPROM which are
provided by the Master device. They allow 16 addi-
tional devices to be used and must be externally
decoded to provide chip enables.
An input on the Master device which is driven from
the PC1 output of the last device in the chain. Used
internally to terminate the write strobe. Connected
to previous PC1 outputs at intermediate points in
the chain. Not needed for a Single device.
An output connected to the PC0 input of the next
device in the chain. The last device feeds back to the
Master. Not needed for a Single device.
An enable which is produced by decoding CS3:0 from
the Master. It is not needed for a Master or Single
device which will always use the bottom block of
addresses with internally generated write strobes. It
can, however, be used on these devices to initiate a
new load procedure after the initial power-on
sequence.
An active low signal produced by an EPROM sup-
ported Master or Single device. An input to all other
devices. It indicates that a register load sequence
is occurring, either after power on, or as the result
of CE as explained above. It remains active until
register 73 in the final device has been loaded.
Register A, bits 3:0 define the number of cascaded
devices. A pullup resistor is required on this pin in
EPROM mode.
System Configuration
The device is configured using a combination of the state of
the SINGLE and MASTER pins, and the contents of the four
Mode Control registers. In a Master or Single device the state of
the X15 pin is used to define whether the system is EPROM or
Host supported, as described above.
Mode Control Registers
Register A bit allocation (Table 8)
BITS 3:0 These bits are ‘don’t care’ when using a host compu-
ter but to a Master device, in an EPROM supported
system, they define the number of interconnected
chips. The EPROM must contain contiguous 128 byte
blocks for each of the devices in the system and a 4-
bit counter in the Master device will sequence through
up to 16 block reads. An internal comparator in the
Master causes the loading of the internal registers to
PC0
PC1
CE
PROG
Function
Number of extra devices from 1-15
8-bit, 8 8 window, 10MHz max.,
8 512 line delays.
16-bit, 8 4 window, 10MHz max.,
4 512 line delays.
16-bit, 4 4 window, 20MHz max.,
4 512 line delays.
8-bit, 8 4 window, 20MHz max.,
4 1024 line delays.
8-bit, 4 4 window, 40MHz max.,
4 1024 line delays
Multiplexed exp. data
Non-multiplexed exp. data
Code
XXXX
000
001
010
011
101
0
1
Bit
3:0
6:4
6:4
6:4
6:4
6:4
7
7
Table 8 Register A bit functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com