Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16488C0 Datasheet(PDF) 15 Page - Mitel Networks Corporation

Part # PDSP16488C0
Description  Single Chip 2D Convolver with Integral Line Delays
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16488C0 Datasheet(HTML) 15 Page - Mitel Networks Corporation

Back Button PDSP16488C0 Datasheet HTML 11Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 12Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 13Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 14Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 15Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 16Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 17Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 18Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 19Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
15
BIT 7
This bit controls the bypass option on the first line
delay on the L7:0 inputs. It is only effective when an
8 bit pixel mode is selected, which also needs more
than four line delays. When L7:0 are used as outputs
it should always be reset. In the 16-bit modes the
bypass function is only controlled by the BYPASS pin,
and the bit is redundant.
Function
Second line delay group fed from the
first group
Second line delay group fed from L7:0
which become inputs
Store pixels to end of line
Store pixels till count is reached
Frame store operation
Not Used
No delays on pixel inputs
4 delays on both pixel inputs
Use expansion adder
Expansion adder disabled
Not used
Use first delay in second group
Bypass first delay in second group
Bit
0
0
2:1
2:1
2:1
2:1
3
3
4
4
6:5
7
7
Code
0
1
00
01
10
11
0
1
0
1
0
1
Register C bit allocation (Table 10)
BIT 0
If this bit is set, the 20-bit field selected from the 32-bit
result, is defined automatically by internal logic.
BITS 3:1 These bits are in conjunction with register D, bits 7:5
to define the pixel delay from the HRES input to the
DELOP output. They are used to match the appropri-
ate processing delay in a particular system. The
minimum delay is 29 pixel clocks.
BITS 5:4 These bits define which of the four 20-bit fields out of
the 32-bit final result is selected as the input to the gain
control. They are redundant when the gain control is
not used, or if register C, bit 0, is set.
BITS 7:6 These bits define the use of the gain control as given
in Table 10. Intermediate devices in a multiple device
systemmust bypass the gain control block, otherwise
the additional pipeline delays will affect the result.
Disabling the gain control block will reduce the device
pipeline by 13 CLK cycles from the delays shown in
Table 6.
Table 9 Register B bit functions
Table 10 Register C bit functions (continues…)
Function
Field selection defined by C5:4
Automatic field selection
DELOP = 29 0 clocks
DELOP = 29 8 clocks
DELOP = 29 16 clocks
Code
0
1
000
001
010
Bit
0
0
3:1
3:1
3:1
Function
DELOP = 29 24 clocks
DELOP = 29 32 clocks
DELOP = 29 40 clocks
DELOP = 29 48 clocks
DELOP = 29 56 clocks
Select upper 20 bits
Select next 20 bits
Select next 20 bits
Select bottom 20 bits
By-pass the gain control
Normal gain control output
Saturate at max. ve and
ve values.
Force
ve to zero.Sat. ve values.
Code
011
100
101
110
111
00
01
10
11
00
01
10
11
Bit
3:1
3:1
3:1
3:1
3:1
5:4
5:4
5:4
5:4
7:6
7:6
7:6
7:6
Table 10 Register C bit functions (continued)
Table 11 Register D bit functions
Register D bit allocation (Table 11)
BIT 0
If this bit is set the expansion data input is delayed
by four pixel clocks before it is added to the present
convolver output. It is used in multiple device systems
when the partial window width is 8 pixels.
BIT 1
When this bit is set the internal sum is shifted to the
left by 8 places before being added to the expansion
input. It is used when two devices are used, each in an
8-bit pixel mode, to construct a 16-bit pixel mode.
BITS 3:2 These bits define the delays on both sets of pixel
inputs before entering the line stores. The delays are
always identical on both sets.
BIT 4
When this bit is set the convolver interprets 8 or 16-
bit pixels as 2’s complement signed numbers
BIT 7:5
These bits add 0 to 7 additional clock delays to those
selected by Register C, bits 3:1.
Function
X15:0 Not delayed
X15:0 Delayed
Internal sum not shifted
Internal sum multiplied by 256
Input to line stores not delayed
Input to line stores delayed by 4
Input to line stores delayed by 8
Input to line stores delayed by 12
Unsigned pixel data input
2’s complement pixel data input
Add 0 to 7 clock delays to DELOP
Bit
0
0
1
1
3:2
3:2
3:2
3:2
4
4
7:5
Code
0
1
0
1
00
01
10
11
0
1
XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com