Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16488GC Datasheet(PDF) 16 Page - Mitel Networks Corporation

Part # PDSP16488GC
Description  Single Chip 2D Convolver with Integral Line Delays
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16488GC Datasheet(HTML) 16 Page - Mitel Networks Corporation

Back Button PDSP16488GC Datasheet HTML 12Page - Mitel Networks Corporation PDSP16488GC Datasheet HTML 13Page - Mitel Networks Corporation PDSP16488GC Datasheet HTML 14Page - Mitel Networks Corporation PDSP16488GC Datasheet HTML 15Page - Mitel Networks Corporation PDSP16488GC Datasheet HTML 16Page - Mitel Networks Corporation PDSP16488GC Datasheet HTML 17Page - Mitel Networks Corporation PDSP16488GC Datasheet HTML 18Page - Mitel Networks Corporation PDSP16488GC Datasheet HTML 19Page - Mitel Networks Corporation PDSP16488GC Datasheet HTML 20Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
16
ELECTRICAL CHARACTERISTICS
The Electrical Characteristics are guaranteed over the following range of operating conditions, unless otherwise stated:
VDD =
5V±10%, GND = 0V, TAMB (Commercial) = 0°C to 70°C, TAMB (Industrial) =
40°C to
85°C,
TAMB (Military) =
55°C to
125°C
Static Characteristics
Output high voltage
Output low voltage
Input high voltage
Input low voltage
Input leakage current
Input capacitance
Output leakage current
Output short circuit current
Current at full speed
IOH = 4mA
IOL =
8mA
GND < VIN < VDD, no internal pullup
GND < VOUT < VDD, no internal pullup
VDD =
5·5V
Conditions
Characteristic
Min.
Typ. Max.
10
-
0·4
-
0·8
10
50
300
Max.
2·4
-
2·0
-
10
50
10
VOH
VOL
VIH
VIL
IIN
CIN
IOZ
IOS
ISP
V
V
V
V
µA
pF
µA
mA
mA
Value
Symbol
NOTE: Signal pins PC0, X15, MASTER, SINGLE and OVR have pullup resistors in the range 15k
Ω to 200kΩ. BYPASS, PROG and DS have no internal pullup
resistors. When the device is used in EPROM mode, external pullup resistors should be connected to the PROG and DS pins.
Units
ABSOLUTE MAXIMUM RATINGS (NOTE 1)
Supply voltage, VDD
Input voltage, VIN
Output voltage, VOUT
Clamp diode current per pin, IK (see note 2)
Static discharge voltage (HBM)
Storage temperature, TS
Maximum junction temperature, TJMAX
Commercial grade
Industrial grade
Military grade
Package power dissipation
Thermal resistance, junction-to-case,
θ
JC
0·5V to
7·0V
0·5V to VDD
0·5V
0·5V to VDD
0·5V
18mA
500V
65°C to 150°C
95°C
110°C
150°C
2000mW
5°C/W
PDSP16488A MA ACBR and PDSP16488A MA GCPR
(MIL-STD-883 CLASS B PARTS)
Polyimide is used as an inter-layer dielectric and as
glassification. Polymeric material is also used for die attach
which, according to the requirements in paragraph 1.2.1, pre-
cludes categorising these devices as fully compliant. In every
other respect, these devices are manufactured and screened in
full accordance with MIL-STD-883 (latest revision).
The PDSP16488A MA ACBR (PGA packge) is subject to the
constant acceleration test, Method 2001, Test Condition A (5kg).
Life test/burn-in connections are given in Tables 12 and 13 on
the following page.
Change Notification
The change notification requirements of MIL-PRF-38535
will be implemented on MIL-STD-883 grade devices. Known
customers will be notified of any changes since the last buy
when ordering further parts if significant changes have been
made.
Rev.
Date
A
MAR 1993
B
JUL 1996
C
NOV 1997
D
NOTES
1. Exceeding these ratings may cause permanent damage.
Functional operation under these conditions is not implied.
2. Maximum dissipation should not be exceeded for more
than1 second, only one output to be tested at any one time.
3. Exposure to absolute maximum ratings for extended
periods may affect device reliablity.
4. Current is defined as negative into the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com