Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16488GC Datasheet(PDF) 23 Page - Mitel Networks Corporation

Part # PDSP16488GC
Description  Single Chip 2D Convolver with Integral Line Delays
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16488GC Datasheet(HTML) 23 Page - Mitel Networks Corporation

Back Button PDSP16488GC Datasheet HTML 19Page - Mitel Networks Corporation PDSP16488GC Datasheet HTML 20Page - Mitel Networks Corporation PDSP16488GC Datasheet HTML 21Page - Mitel Networks Corporation PDSP16488GC Datasheet HTML 22Page - Mitel Networks Corporation PDSP16488GC Datasheet HTML 23Page - Mitel Networks Corporation PDSP16488GC Datasheet HTML 24Page - Mitel Networks Corporation PDSP16488GC Datasheet HTML 25Page - Mitel Networks Corporation PDSP16488GC Datasheet HTML 26Page - Mitel Networks Corporation PDSP16488GC Datasheet HTML 27Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
23
PDSP16488A
HRES
BYPASS
IP7:0
L7:0
FIELD
DELAY
O/C
HOST CPU
PROG
CE
RES
BIN
D15:0
DELOP
OEN
ADDRESS
DECODE
PIXEL
DATA
SYNC
ODD FIELD
PDSP16488A
HRES
BYPASS
IP7:0
L7:0
O/C
HOST CPU
PROG
CE
RES
BIN
D15:0
DELOP
OEN
ADDRESS
DECODE
PIXEL
DATA
SYNC
VDD
LEAST SIG
BYTE OF
16-BIT PIXEL
PDSP16488A
HRES
BYPASS
IP7:0
L7:0
FIELD
DELAY
GND
EPROM
PROG
CE
RES
BIN
D15:0
DELOP
OEN
PIXEL
DATA
SYNC
ODD FIELD
GND
VDD
VDD
15k NOM
15k NOM
PDSP16488A
HRES
BYPASS
IP7:0
L7:0
GND
EPROM
PROG
CE
RES
BIN
D15:0
DELOP
OEN
GND
VDD
VDD
15k NOM
15k NOM
PIXEL
DATA
SYNC
VDD
LEAST SIG
BYTE OF
16-BIT PIXEL
CHANGE COEFFS
RESET
BIN
DATA OUT
DELAYED SYNC
OUTPUT
ENABLE
CHANGE COEFFS
RESET
BIN
DATA OUT
DELAYED SYNC
OUTPUT
ENABLE
Non-interlaced EPROM mode
Interlaced EPROM mode
RESET
BIN
DATA OUT
DELAYED SYNC
OUTPUT
ENABLE
RESET
BIN
DATA OUT
DELAYED SYNC
OUTPUT
ENABLE
Non-interlaced 16-bit Host loaded
Interlaced 16-bit Host loaded
Fig. 13 Single device systems



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com