Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP435 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMP435
Description  짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP435 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP435 Datasheet HTML 17Page - Texas Instruments TMP435 Datasheet HTML 18Page - Texas Instruments TMP435 Datasheet HTML 19Page - Texas Instruments TMP435 Datasheet HTML 20Page - Texas Instruments TMP435 Datasheet HTML 21Page - Texas Instruments TMP435 Datasheet HTML 22Page - Texas Instruments TMP435 Datasheet HTML 23Page - Texas Instruments TMP435 Datasheet HTML 24Page - Texas Instruments TMP435 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
SCL
SDA
t
(LOW)
t
R
t
F
t
(HDSTA)
t
(HDSTA)
t
(HDDAT)
t
(BUF)
t
(SUDAT)
t
(HIGH)
t
(SUSTA)
t
(SUSTO)
P
S
S
P
TMP435
www.ti.com
SBOS495A – MARCH 2010 – REVISED APRIL 2010
TIMING DIAGRAMS
Data Transfer: The number of data bytes transferred
between a START and a STOP condition is not
The TMP435 is two-wire and SMBus-compatible.
limited and is determined by the master device. The
Figure
15
to
Figure
19
describe
the
various
receiver acknowledges the transfer of data.
operations on the TMP435. Bus definitions are given
below. Parameters for Figure 15 are defined in
Acknowledge:
Each
receiving
device,
when
Table 15.
addressed, is obliged to generate an Acknowledge
bit. A device that acknowledges must pull down the
Bus Idle: Both SDA and SCL lines remain high.
SDA line during the Acknowledge clock pulse in such
a way that the SDA line is stable low during the high
Start Data Transfer: A change in the state of the
period of the Acknowledge clock pulse. Setup and
SDA line, from high to low, while the SCL line is high,
hold times must be taken into account. On a master
defines a START condition. Each data transfer is
receive, data transfer termination can be signaled by
initiated with a START condition.
the master generating a Not-Acknowledge on the last
Stop Data Transfer: A change in the state of the
byte that has been transmitted by the slave.
SDA line from low to high while the SCL line is high
defines
a
STOP
condition.
Each
data
transfer
terminates with a STOP or a repeated START
condition.
Figure 15. Two-Wire Timing Diagram
Table 15. Timing Diagram Definitions for Figure 15
FAST MODE
HIGH-SPEED MODE
PARAMETER
MIN
MAX
MIN
MAX
UNITS
SCL Operating Frequency
f(SCL)
0.001
0.4
0.001
3.4
MHZ
Bus Free Time Between STOP
ns
t(BUF)
600
160
and START Condition
Hold time after repeated START
condition. After this period, the
t(HDSTA)
100
100
ns
first clock is generated.
Repeated START Condition Setup
t(SUSTA)
100
100
ns
Time
STOP Condition Setup Time
t(SUSTO)
100
100
ns
Data Hold Time
t(HDDAT)
0(1)
0(2)
ns
Data Setup Time
t(SUDAT)
100
10
ns
SCL Clock LOW Period
t(LOW)
1300
160
ns
SCL Clock HIGH Period
t(HIGH)
600
60
ns
Clock/Data Fall Time
tF
300
160
ns
Clock/Data Rise Time
300
160
ns
tR
for SCLK
≤ 100kHz
1000
ns
(1)
For cases with fall time of SCL less than 20ns and/or the rise time or fall time of SDA less than 20ns, the hold time should be greater
than 20ns.
(2)
For cases with fall time of SCL less than 10ns and/or the rise or fall time of SDA less than 10ns, the hold time should be greater than
10ns.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TMP435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com