Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP435 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP435
Description  짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP435 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP435 Datasheet HTML 7Page - Texas Instruments TMP435 Datasheet HTML 8Page - Texas Instruments TMP435 Datasheet HTML 9Page - Texas Instruments TMP435 Datasheet HTML 10Page - Texas Instruments TMP435 Datasheet HTML 11Page - Texas Instruments TMP435 Datasheet HTML 12Page - Texas Instruments TMP435 Datasheet HTML 13Page - Texas Instruments TMP435 Datasheet HTML 14Page - Texas Instruments TMP435 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
THERMHysteresisRegister
BetaCorrectionRegister
ConfigurationRegister
StatusRegister
IdentificationRegisters
ConsecutiveAlertRegister
ConversionRateRegister
LocalandRemoteLimitRegisters
LocalandRemoteTemperatureRegisters
SDA
SCL
PointerRegister
I/O
Control
Interface
TMP435
www.ti.com
SBOS495A – MARCH 2010 – REVISED APRIL 2010
Table 1. Temperature Data Format (Local and Remote Temperature High Bytes)
LOCAL/REMOTE TEMPERATURE REGISTER
HIGH BYTE VALUE (+1°C RESOLUTION)
STANDARD BINARY(1)
EXTENDED BINARY(2)
TEMP (°C)
BINARY
HEX
BINARY
HEX
−64
0000 0000
00
0000 0000
00
−50
0000 0000
00
0000 1110
0E
−25
0000 0000
00
0010 0111
27
0
0000 0000
00
0100 0000
40
1
0000 0001
01
0100 0001
41
5
0000 0101
05
0100 0101
45
10
0000 1010
0A
0100 1010
4A
25
0001 1001
19
0101 1001
59
50
0011 0010
32
0111 0010
72
75
0100 1011
4B
1000 1011
8B
100
0110 0100
64
1010 0100
A4
125
0111 1101
7D
1011 1101
BD
127
0111 1111
7F
1011 1111
BF
150
0111 1111
7F
1101 0110
D6
175
0111 1111
7F
1110 1111
EF
191
0111 1111
7F
1111 1111
FF
(1)
Resolution is 1°C/count. Negative numbers are represented in twos complement format.
(2)
Resolution is 1°C/count. All values are unsigned with a –64°C offset.
REGISTER INFORMATION
Table 2. Decimal Fraction Temperature Data
The TMP435 contain multiple registers for holding
Format (Local and Remote Temperature Low
configuration information, temperature measurement
Bytes)
results, temperature comparator maximum/minimum,
TEMPERATURE REGISTER LOW BYTE VALUE
limits, and status information. These registers are
(0.0625°C RESOLUTION)(1)
described in Figure 14 and in Table 3.
TEMP (°C)
STANDARD AND EXTENDED BINARY
HEX
0
0000 0000
00
0.0625
0001 0000
10
0.1250
0010 0000
20
0.1875
0011 0000
30
0.2500
0100 0000
40
0.3125
0101 0000
50
0.3750
0110 0000
60
0.4375
0111 0000
70
0.5000
1000 0000
80
0.5625
1001 0000
90
0.6250
1010 0000
A0
0.6875
1011 0000
B0
0.7500
1100 0000
C0
0.8125
1101 0000
D0
0.8750
1110 0000
E0
Figure 14. Internal Register Structure
0.9375
1111 0000
F0
(1)
Resolution is 0.0625°C/count. All possible values are shown.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TMP435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com