Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5748 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP5748
Description  2.4GHz Very Low Phase Noise PLL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5748 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP5748 Datasheet HTML 1Page - Mitel Networks Corporation SP5748 Datasheet HTML 2Page - Mitel Networks Corporation SP5748 Datasheet HTML 3Page - Mitel Networks Corporation SP5748 Datasheet HTML 4Page - Mitel Networks Corporation SP5748 Datasheet HTML 5Page - Mitel Networks Corporation SP5748 Datasheet HTML 6Page - Mitel Networks Corporation SP5748 Datasheet HTML 7Page - Mitel Networks Corporation SP5748 Datasheet HTML 8Page - Mitel Networks Corporation SP5748 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
SP5748 Advance Information
Figure 2 SP5748 block diagram
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed by either production test or design. They apply within the specified
ambient temperature and supply voltage unless otherwise stated.
T
AMB = -40°C to 80°C, VCC = +4·5V to +5·5V
Characteristic
Pin
Value
Units
Conditions
Min
Typ
Max
Supply current
10
13
mA
RF input frequency range 11,12
80
2400
MHz
RF input voltage
11,12
30
300
mV rms
RF input impedance
11,12
See Figure 3
Data, clock & enable
5,6,4
input high voltage
3
Vcc
V
input low voltage
0
0.7
V
input current
-10
10
µA
All input conditions
hysterysis
0.8
V
PP
PORT P1/OC
RF INPUT
16/17
13 BIT
COUNT
4 BIT
COUNT
REFERENCE
DIVIDER
REF
CRYSTAL
PUMP
DRIVE
17 BIT LATCH
6 BIT LATCH
DATA
CLOCK
ENABLE
DATA
INTERFACE
3 BIT
LATCH & PORT/
TEST MODE
INTERFACE
PORT P0/OP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com