Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5748 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # SP5748
Description  2.4GHz Very Low Phase Noise PLL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5748 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  SP5748 Datasheet HTML 1Page - Mitel Networks Corporation SP5748 Datasheet HTML 2Page - Mitel Networks Corporation SP5748 Datasheet HTML 3Page - Mitel Networks Corporation SP5748 Datasheet HTML 4Page - Mitel Networks Corporation SP5748 Datasheet HTML 5Page - Mitel Networks Corporation SP5748 Datasheet HTML 6Page - Mitel Networks Corporation SP5748 Datasheet HTML 7Page - Mitel Networks Corporation SP5748 Datasheet HTML 8Page - Mitel Networks Corporation SP5748 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
SP5748 Advance Information
The RF signal is fed to an internal preamplifier, which
provides gain and reverse isolation from the divider
signals. The output of the preamplifier is fed to the 17 bit
fully programmable counter, which is of MN+A
architecture. The M counter is 13 bit and the A counter
4
The output of the programmable counter is fed to the
phase comparator where it is compared in both phase
and frequency domain with the comparison frequency.
This frequency is derived either from the on board
crystal controlled oscillator or from an external
reference source. In both cases the reference
frequency is divided down to the comparison frequency
by the reference divider which is programmable into1 of
16 ratios as descried in Figure 7.
The output of the phase detector feeds the charge pump
and loop amplifier section, which when used with an
external high voltage transistor and loop filter integrates
the current pulses into the varactor line voltage. The
charge pump current setting is described in Figure 5,
A buffered crystal reference frequency suitable for
driving further synthesisers is available from pin 9. If not
required this output can be disabled by connecting to
Vcc
The programmable divider output divided by 2, Fpd/2
and comparison frequency, Fcomp can be switched to
ports P0 and P1 respectively by switching the device
into test mode. The test modes are described in Figure
8.
ABSOLUTE MAXIMUM RATINGS
All voltages are referred to V
EE at 0V
Characteristic
Pin
Min
Typ
Max
Units
Conditions
Supply voltage, Vcc
10
-0.3
7
V
RF input voltage
11,12
2.5
Vp-p
Differential across pins
11 and 12
RF input DC offset
11,12
-0.3
Vcc+0.3
V
Port voltage
7,8
-0.3
Vcc+0.3
V
Charge pump DC offset
1
-0.3
Vcc+0.3
V
Varactor drive DC offset
14
-0.3
Vcc+0.3
V
Crystal DC offset
2,3
-0.3
Vcc+0.3
V
Buffered ref output
9
-0.3
Vcc+0.3
V
Data, clock & enable
5,6,4
-0.3
Vcc+0.3
V
DC offset
Storage temperature
-55
+125
°C
Junction temperature
+150
°C
MP14 thermal resistance,
chip to ambient
81
°C/W
chip to case
27
°C/W
Power consumption at
TBC
mW
All ports off
Vcc=5.5V
ESD protection
2
kV
Mil-std 883B latest revision
method 3015 cat.1.
Functional description
The SP5748 contains all the elements necessary, with
the exception of a frequency reference, loop filter and
external high voltage transistor, to control a varicap
tuned local oscillator, so forming a complete PLL
frequency synthesised source. The device allows for
operation with a high comparison frequency and is
fabricated in high speed logic, which enables the
generation of a loop with excellent phase noise
performance, even with high comparison frequencies.
The package and pin allocation is shown in Figure 1 and
the block diagram in Figure 2.
The SP5748 is controlled by a standard 3-wire bus
comprising data, clock and enable inputs. The
programming word contains 26 bits, two of which are
used for port selection, 17 to set the programmable
divider ratio, four bits to select the reference division
ratio, bits RD & R0-R2, see Figure 7, two bits to set
charge pump current, bit C0 and C1, see Figure 5, and
the remaining bit to access test modes, bit T0, see
Figure 8. The programming format is shown in Figure 4.
The clock input is disabled by an enable low signal, data
is therefore only loaded into the internal shift registers
during an enable high and is clocked into the controlling
buffers by an enable high to low transition. This load is
also synchronised with the programmable divider so
giving smooth fine tuning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com