Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2814 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SC2814
Description  High-Friquency General-Purpose Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC2814 Datasheet(HTML) 2 Page - ON Semiconductor

  2SC2814 Datasheet HTML 1Page - ON Semiconductor 2SC2814 Datasheet HTML 2Page - ON Semiconductor 2SC2814 Datasheet HTML 3Page - ON Semiconductor 2SC2814 Datasheet HTML 4Page - ON Semiconductor 2SC2814 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC2814
Rev.0 I Page 2 of 5 I www.onsemi.com
NF, PG Test Circuit
VCE
VBE
to 5pF
to 30pF
to 30pF
to 22pF
to 22pF
L1 : 1mmø plated wire 10mmø 4T, tap : 2T from VBE side.
L2 : 1mmø plated wire 10mmø 7T, tap : 1T from VCE side.
L3 : 1mmø enameled wire 10mmø 3T.
L1
L2
INPUT
OUTPUT
50Ω
50Ω
02
4
6
8
10
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1.0
0
20
40
60
80
100
IC -- VCE
ITR05127
IB -- VBE
ITR05128
5
μA
30
μA
25
μA
20
μA
15
μA
10
μA
1.0
3
25
10
7
3
25
7
3
25
100
7
fT -- IC
ITR05130
VCE=6V
hFE -- IC
ITR05129
3
2
5
1000
7
100
5
2
7
IB=0
1.0
23
5
7 10
0.1
23
5
7
23
5
2
3
5
7
1000
100
10
2
3
5
7
V
CE=12V
VCE=6V
6V
3V
10
2
3
5
7
100
2
3
5
7
1.0
23
5
10
7
0.1
23
5
7
2
VCE=3V
rbb'Cc -- IC
ITR05132
f=31.9MHz
1.0
23
5
10
7
23
5
Cre -- VCB
ITR05131
f=1MHz
3
2
5
7
1.0
2
3
5
6V
12V
Collector-to-Emitter Voltage, VCE –V
Base-to-Emitter Voltage, VBE –V
Collector Current, IC –A
Collector-to-Base Voltage, VCB –V
Collector Current, IC –mA
Collector Current, IC –mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com