Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2814 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SC2814
Description  High-Friquency General-Purpose Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC2814 Datasheet(HTML) 3 Page - ON Semiconductor

  2SC2814 Datasheet HTML 1Page - ON Semiconductor 2SC2814 Datasheet HTML 2Page - ON Semiconductor 2SC2814 Datasheet HTML 3Page - ON Semiconductor 2SC2814 Datasheet HTML 4Page - ON Semiconductor 2SC2814 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC2814
Rev.0 I Page 3 of 5 I www.onsemi.com
1.0
23
5
7
10
23
5
7
100
1.0
7
0.1
3
5
2
7
3
5
2
VCE (sat) -- IC
ITR05133
PC -- Ta
ITR05134
IC
IB
=10
0
20
40
60
80
100
120
140
0
160
140
40
20
80
60
120
100
Collector Current, IC –A
Ambient Temperature, Ta – ˚C
1.0
3
2
7
5
0.1
3
7
5
2
100
3
2
7
5
10
3
7
5
2
3
5
1.0
72
3
5
7
10
cie
gie
VCE=6V
f=10MHz
Output Admittance
yoe -- IC
ITR05138
Input Admittance
yie -- IC
VCE=6V
f=10MHz
ITR05137
5
3
1.0
72
3
5
7
10
10
1.0
5
3
2
3
2
7
5
VCE=6V
f=1MHz
ITR05136
Input Admittance
yie -- IC
0.01
5
3
2
3
2
0.1
7
5
10
5
3
2
3
2
100
7
5
35
2
1.0
73
5
10
7
VCE=6V
f=1MHz
ITR05135
Output Admittance
yoe -- IC
1.0
10
3
2
7
5
3
10
7
5
1.0
3
27
5
c ie
gie
goe
c oe
g oe
c oe
1.0
2
10
7
5
3
2
Input Admittance
yie -- VCE
ITR05139
23
1.0
57
10
2
IC=1mA
f=100MHz
ITR05140
Reverse transfer admittance
yre -- VCE
10
3
2
3
2
5
7
5
100
0.1
3
2
3
2
5
7
5
1.0
7
1.0
7
5
3
2
10
2
cie
gie
IC=1mA
f=100MHz
cre
gre
Collector Current, IC – mA
Collector Current, IC –mA
Collector Current, IC – mA
Collector Current, IC –mA
Collector-to-Emitter Voltage, VCE – V
Collector-to-Emitter Voltage, VCE –V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com