Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8402 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP8402
Description  Very Low Phase Noise Divider by 2N
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8402 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP8402 Datasheet HTML 1Page - Mitel Networks Corporation SP8402 Datasheet HTML 2Page - Mitel Networks Corporation SP8402 Datasheet HTML 3Page - Mitel Networks Corporation SP8402 Datasheet HTML 4Page - Mitel Networks Corporation SP8402 Datasheet HTML 5Page - Mitel Networks Corporation SP8402 Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SP8400
Fig.3 Typical input sensitivity
ELECTRICAL CHARACTERISTICS
Guaranteed over: Supply voltage VCC = +4.75V to +5.25V Temperature Tamb = -10°C to +75°C
Tested at +4.75V and +5.25V at Tamb = +25°C
FREQUENCY MHz
400
300
200
100
0
200
400
600
800
1000
1200
1400
355mV
140mV
OPERATING WINDOW
1600
500
600
Min.
Typ.
Max.
Supply current
Output voltage swing
Input sensitivity 200MHz to 1.5GHz
Data Inputs
Logic high voltage
Low low voltage
Input current
92
410
102
140
(-4)
0.8
180
82
320
2.2
4, 11, 12, 18
20, 21
7, 8
Output loaded with 300R See Fig.5
p-p @ 1.4GHz input
÷ 256 mode
outputs loaded with 330R See Fig.5
RMS Sine wave into 50 Ohms
(dBm equivalent) See Fig.3
5V Data input voltage
mA
mV
mV
dBm
V
V
µA
Units
Value
Conditions
Characteristic
Pin
S0
L
H
L
H
L
H
L
H
S1
L
L
H
H
L
L
H
H
S2
L
L
L
L
H
H
H
H
DIVISION RATIO
2
4
8
16
32
64
128
256
Fig.4 Truth table



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com