Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8402 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # SP8402
Description  Very Low Phase Noise Divider by 2N
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8402 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  SP8402 Datasheet HTML 1Page - Mitel Networks Corporation SP8402 Datasheet HTML 2Page - Mitel Networks Corporation SP8402 Datasheet HTML 3Page - Mitel Networks Corporation SP8402 Datasheet HTML 4Page - Mitel Networks Corporation SP8402 Datasheet HTML 5Page - Mitel Networks Corporation SP8402 Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SP8400
Fig.5 Typical application combining output to increase signal and retain low phase noise
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
SP8402
10nF
10nF
1nF
1nF
2x330R
1nF
S0
S1
S2
50R
10nF
OUTPUT
10 F
+5V
CLOCK
INPUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com