Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECH8656 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ECH8656
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8656 Datasheet(HTML) 1 Page - ON Semiconductor

  ECH8656 Datasheet HTML 1Page - ON Semiconductor ECH8656 Datasheet HTML 2Page - ON Semiconductor ECH8656 Datasheet HTML 3Page - ON Semiconductor ECH8656 Datasheet HTML 4Page - ON Semiconductor ECH8656 Datasheet HTML 5Page - ON Semiconductor ECH8656 Datasheet HTML 6Page - ON Semiconductor ECH8656 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
80112 TKIM/83111PE TKIM TC-00002622 No.9010-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
July, 2013
ECH8656
N-Channel Power MOSFET
20V, 7.5A, 17mΩ, Dual ECH8
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
•
ON-resistance RDS(on)1=13mΩ (typ.)
•
1.8V drive
•
Halogen free compliance
•
Nch + Nch MOSFET
•
Protection diode in
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
20
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
7.5
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
40
A
Allowable Power Dissipation
PD
When mounted on ceramic substrate (900mm2×0.8mm) 1unit
1.3
W
Total Dissipation
PT
When mounted on ceramic substrate (900mm2×0.8mm)
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7011A-001
Product & Package Information
• Package
: ECH8
• JEITA, JEDEC
: -
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
Ordering number : EN9010A
8765
1234
1 : Source1
2 : Gate1
3 : Source2
4 : Gate2
5 : Drain2
6 : Drain2
7 : Drain1
8 : Drain1
ECH8
1
4
85
0.15
0 to 0.02
0.65
2.9
0.3
Top View
Bottom View
TL
ECH8656-TL-H
TB
Lot No.


Similar Part No. - ECH8656

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ECH8656 SANYO-ECH8656 Datasheet
388Kb / 4P
General-Purpose Switching Device Applications
ECH8656 SANYO-ECH8656 Datasheet
420Kb / 7P
General-Purpose Switching Device Applications
ECH8656 SANYO-ECH8656_12 Datasheet
420Kb / 7P
General-Purpose Switching Device Applications
More results

Similar Description - ECH8656

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com