Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECH8656 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ECH8656
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8656 Datasheet(HTML) 4 Page - ON Semiconductor

  ECH8656 Datasheet HTML 1Page - ON Semiconductor ECH8656 Datasheet HTML 2Page - ON Semiconductor ECH8656 Datasheet HTML 3Page - ON Semiconductor ECH8656 Datasheet HTML 4Page - ON Semiconductor ECH8656 Datasheet HTML 5Page - ON Semiconductor ECH8656 Datasheet HTML 6Page - ON Semiconductor ECH8656 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ECH8656
No.9010-4/7
Total Gate Charge, Qg -- nC
VGS -- Qg
012
3
4
5
6
7
8
9
10
11
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.5
4.0
IT12491
VDS=10V
ID=7.5A
IT16507
A S O
Drain-to-Source Voltage, VDS -- V
0.01
0.1
1.0
10
23 5 7
23 5 7
23 5 7
23 5
100
7
0.01
0.1
1.0
10
100
7
5
7
5
3
2
7
5
3
2
7
5
3
2
3
2
IDP=40A (PW≤10μs)
ID=7.5A
100ms
1ms
10ms
100
μs
Operation in this
area is limited by RDS(on).
DC
operation
(T
a=25
°C
)
Ta=25
°C
Single pulse
When mounted on ceramic substrate (900mm2
×0.8mm) 1unit
IT16508
Ambient Temperature, Ta --
°C
PD -- Ta
0
20
40
60
80
100
120
140
160
0
0.6
0.8
0.2
0.4
1.0
1.5
1.4
1.3
1.2
1.6
1unit
When mounted on ceramic substrate
(900mm2
×0.8mm)
Total
dissipation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com