Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5876AM Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5876AM
Description  3rd-order, 2-channel D/A Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5876AM Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5876AM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SM5876AM
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
3rd-order
Σ∆, 2-channel D/A Converter
OVERVIEW
The SM5876AM is a 3rd-order
Σ∆, 2-channel D/A
converter LSI for CD-ROM digital audio reproduc-
tion equipment. It incorporates an 8-times oversam-
pling digital filter, deemphasis filter, attenuator, and
soft mute circuits built-in., using NPC’s Molybde-
num-gate CMOS technology.
The SM5876AM operates from a 2.7 to 5.5 V supply,
and is available in 24-pin SSOPs.
FEATURES
s
System clock
• 768fs (33.8688MHz)
• 384fs (16.9344MHz)
s
Crystal oscillator circuit built-in
s
Infinity-zero detector circuit built-in
s
MSB first, rear-packed serial data input format
(
≤ 64fs bit clock)
s
8-times oversampling digital filter
• 32 dB stopband attenuation
• ±0.05 dB passband ripple
−0.34 dB passband correction for 70 kHz LPF
s
3-line microcontroller interface for output mode
and attenuator control settings
s
16 output modes
s
Deemphasis filter operation
• 36 dB stopband attenuation
−0.09 to +0.23 dB deviation
−0.34 dB passband correction for 70 kHz LPF
s
Attenuator
• 8-bit attenuator (linear 256 steps)
• Independent left/right-channel set function
• Soft mute function (approx. 1024/fs mute time)
s
Σ∆ 2-channel D/A converter
• 3rd-order noise shaper
• 32fs oversampling
s
44.1 kHz sampling frequency
s
2.7 to 5.5 V operating supply voltage range (4.5 to
5.5 V operating supply voltage range with 768fs
system clock)
s
24-pin SSOP
s
Molybdenum-gate CMOS process
PINOUT
PACKAGE DIMENSIONS
Unit: mm
24-pin SSOP
MLEN
CKSL
CKO
DVSS
BCKI
DI
DVDD
MCK
MDT
RSTN
MUTEO
XVSS
XTO
XTI
LRCI
XVDD
TSTN
LO
AVDDL
RO
AVDDR
RON
LON
AVSS
1
12
13
24
0.7
0.8
0.36 0.10
10.20 0.30
10.05 0.20
0.15
+ 0.1
− 0.05
010
0.50 0.20


Similar Part No. - SM5876AM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5871A NPC-SM5871A Datasheet
1Mb / 22P
CMOS LSI(Digital Audio D/A Converter)
SM5872 NPC-SM5872 Datasheet
802Kb / 26P
CMOS LSI(Digital D/A Converters with Built-in Digital Filters
SM5872A NPC-SM5872A Datasheet
802Kb / 26P
CMOS LSI(Digital D/A Converters with Built-in Digital Filters
SM5872AN NPC-SM5872AN Datasheet
802Kb / 26P
CMOS LSI(Digital D/A Converters with Built-in Digital Filters
SM5872AS NPC-SM5872AS Datasheet
802Kb / 26P
CMOS LSI(Digital D/A Converters with Built-in Digital Filters
More results

Similar Description - SM5876AM

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6376 NEC-UPD6376 Datasheet
140Kb / 20P
AUDIO 2-CHANNEL 16-BIT D/A CONVERTER
logo
Nippon Precision Circui...
SM5877AM NPC-SM5877AM Datasheet
140Kb / 16P
3rd-order , 2-channel D/A Converter
SM5878AM NPC-SM5878AM Datasheet
143Kb / 16P
3rd-order , 2-channel D/A converter
SM5879AV NPC-SM5879AV Datasheet
137Kb / 20P
3rd-order , 2-channel D/A Converter
logo
fujitsu semiconductor
MB40968 FUJITSU-MB40968 Datasheet
107Kb / 18P
2-Channel 8-BIT D/A Converter
logo
Nippon Precision Circui...
SM588X NPC-SM588X Datasheet
196Kb / 16P
Audio 3rd-order D/A Converter
logo
Renesas Technology Corp
M62342GP RENESAS-M62342GP Datasheet
85Kb / 7P
8-Bit, 2-Channel D-A Converter (Buffered)
M62342GP RENESAS-M62342GP_08 Datasheet
119Kb / 8P
8-Bit, 2-Channel D/A Converter (Buffered)
logo
Agamem Microelectronic ...
AA8681 AGAMEM-AA8681 Datasheet
342Kb / 1P
50MHz, 3rd ORDER HDTV VIDEO FILTER DRIVERS
logo
Renesas Technology Corp
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com