Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5876AM Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5876AM
Description  3rd-order, 2-channel D/A Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5876AM Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5876AM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5876AM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SM5876AM
NIPPON PRECISION CIRCUITS—2
BLOCK DIAGRAM
PIN DESCRIPTION
Number
Name
I/O
Description
1
MLEN
Ip
Microcontroller control latch clock input
2
CKSL
Ip
768fs/384fs clock select. 768fs when HIGH, and 384fs when LOW.
3
CKO
O
Oscillator clock buffer output
4
DVSS
Digital ground pin
5
BCKI
Ip
Data bit clock input pin
6
DI
Ip
Serial data input pin
7
DVDD
Digital supply pin
8
LRCI
Ip
Sample data rate (fs) clock input pin. Left channel when HIGH, and right channel when LOW.
9
TSTN
Ip
Test input pin
10
LO
O
Left-channel analog output (+)
11
AVDDL
Left-channel analog supply pin
12
LON
O
Left-channel analog output (
−)
13
AVSS
Analog ground pin
14
RON
O
Right-channel analog output (
−)
Filter & attenuation
operation block
Noise shaper
operation block
Input interface
PWM data
generation block
Timing
control
LRCI
DI
BCKI
LO
AVSS
RON
MLEN
MCK
MDT
RSTN
CKSL
DVSS
DVDD
TSTN
AVDDL
MUTEO
CKO
XVSS
XTO
XTI
XVDD
AVDDR
LR
LR
L
R
RO
LON
Microcontroller
interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com