Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8852 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP8852
Description  2쨌7GHz Parallel Load Professional Synthesiser
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8852 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP8852 Datasheet HTML 1Page - Mitel Networks Corporation SP8852 Datasheet HTML 2Page - Mitel Networks Corporation SP8852 Datasheet HTML 3Page - Mitel Networks Corporation SP8852 Datasheet HTML 4Page - Mitel Networks Corporation SP8852 Datasheet HTML 5Page - Mitel Networks Corporation SP8852 Datasheet HTML 6Page - Mitel Networks Corporation SP8852 Datasheet HTML 7Page - Mitel Networks Corporation SP8852 Datasheet HTML 8Page - Mitel Networks Corporation SP8852 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
SP8852E
Fig. 2 Block diagram
STROBE
ADDRESS
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
39
38
11
10
9
8
7
6
5
4
3
2
1
44
43
42
41
40
INPUT
INTERFACE
4
8/9
13
14
15
14
VCC
PRESCALER
RF INPUT
0V
PRESCALER
3-BIT
A COUNTER
11-BIT
M COUNTER
B0
B2
B3
B13 B14
B15
LOAD
RF BUFFER
PHASE
DETECTOR
REFERENCE BUFFER
LOAD
10-BIT REFERENCE
DIVIDER
B0
B9
B10
B12
FREF
FPD
REFERENCE
CRYSTAL
REFERENCE
CAPACITOR
28
27
CHARGE PUMP OUTPUT
CHARGE PUMP REFERENCE
LOCK DETECT OUTPUT
RSET
C-LOCK DETECT
FPD*
FREF*
VCC
VEE
MODULUS
CONTROL
*FREF and FPD outputs are reversed
by the phase detector sense bit, bit 12
in the programming word. The pin
allocations shown are correct when
bit 12 is high.
20
21
17
19
18
24
25
26
16
RF INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com