Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8852 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # SP8852
Description  2쨌7GHz Parallel Load Professional Synthesiser
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8852 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  SP8852 Datasheet HTML 1Page - Mitel Networks Corporation SP8852 Datasheet HTML 2Page - Mitel Networks Corporation SP8852 Datasheet HTML 3Page - Mitel Networks Corporation SP8852 Datasheet HTML 4Page - Mitel Networks Corporation SP8852 Datasheet HTML 5Page - Mitel Networks Corporation SP8852 Datasheet HTML 6Page - Mitel Networks Corporation SP8852 Datasheet HTML 7Page - Mitel Networks Corporation SP8852 Datasheet HTML 8Page - Mitel Networks Corporation SP8852 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
SP8852E
ELECTRICAL CHARACTERISTICS
The Electrical Characteristics are guaranteed over the following range of operating conditions unless otherwise stated
TAMB = 2 55°C to 1100°C (KG parts), 2 40°C to 185°C (IG parts); VCC = 4·75V to 5·25V
Characteristic
Conditions
Supply current
RF input sensitivity
RF division ratio
Reference division ratio
Comparison frequency
Reference input frequency
Reference input voltage
FREF/FPD output voltage high
FREF/FPD output voltage low
LOCK DETECT output voltage
CHARGE PUMP current
Input bus logic level high
Input bus logic level low
Input bus current source
Input bus current sink
Up/down current matching
CHARGE PUMP REFERENCE voltage
RSET current
RSET voltage
C-LOCK DETECT current
STROBE pulse width
Data setup time
2
5
56
1
10
0
6
1·4
6
2·0
6
3·4
6
5·4
3·5
2
200
VCC21·6
0·5
50
100
240
1
7
16383
1023
50
100
1
10
500
6
1·7
6
2·5
6
4·1
6
6·5
1
10
6
5
VCC20·5
2
180
1
6
2
0·8
2
1·4
300
6
1·5
6
2·3
6
3·8
6
6·1
1·6
1
10
Pin
18, 26
13,14
13,14, 24
28, 25
28, 24, 25
28
28
24, 25
24, 25
17
19, 20, 21
1-11, 38-44
1-11, 38-44
1-11, 38-44
1-11, 38-44
20
21
19
19
18
Typ.
Max.
Min.
mA
dBm
MHz
MHz
dBm
V
V
mV
mA
mA
mA
mA
V
V
µA
µA
%
V
V
mA
V
µA
ns
ns
Units
Value
100MHz to 2·7GHz. See note 3.
Ref division ratio >2. See note 1
WRT VCC, 2·2kΩ to 0V
WRT VCC, 2·2kΩ to 0V
IOUT = 3mA
VPIN20 = VPIN21, IPIN19 = 1·6mA,
multiplication factor = 1
VPIN20 = VPIN21, IPIN19 = 1·6mA,
multiplication factor = 1·5
VPIN20 = VPIN21, IPIN19 = 1·6mA,
multiplication factor = 2·5
VPIN20 = VPIN21, IPIN19 = 1·6mA,
multiplication factor = 4·0
VIN = 0V
VIN = VCC
VPIN20 = VPIN21, IPIN19 = 1·6mA
IPIN19 = 1·6mA, current
multiplication factor = 1·0
IPIN19 = 1·6mA, current
multiplication factor = 4·0
Note 2
IPIN19 = 1·6mA
VPIN18 = 4·7V
Note 3
Note 3
NOTES
1. Lower frequencies may be used provided that slew rates are maintained.
2. Pin 19 current3multiplication factor must be less than 5mA if charge pump accuracy is to be maintained.
3. Guranteed but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com