Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8902 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP8902
Description  5GHZ 첨2 Fixed Modulus Divider
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8902 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP8902 Datasheet HTML 1Page - Mitel Networks Corporation SP8902 Datasheet HTML 2Page - Mitel Networks Corporation SP8902 Datasheet HTML 3Page - Mitel Networks Corporation SP8902 Datasheet HTML 4Page - Mitel Networks Corporation SP8902 Datasheet HTML 5Page - Mitel Networks Corporation SP8902 Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SP8902
1
2
3
4
8
7
6
5
OUTPUT VCC
OUTPUT
OUTPUT
GND
VCC
INPUT
INPUT
GND
MP8
Figure 2 Pin connections - top view
Electrical Characteristics
These characteristics are guaranteed by either production test or design over the following range of operating conditions
unless otherwise stated: TAMB = 240
°C to 185°C, VCC = 4·75V to 5·25V
-
1·0
-
-
440
700
-
215·0
Characteristic
RMS sinewave
fIN = 1GHz and 4.2GHz
fIN = 5GHz
fIN = 1GHz and 3GHz
fIN = 5.0GHz and 3.8GHz
Into 50
Ω pullup resistor
fIN = 1GHz and 5GHz (see note 1 )
92
5·0
180
570
-
-
-
12·0
Conditions
Pin
1, 8
2, 3
2, 3
2, 3
2, 3
2, 3
6, 7
6, 7
Supply current
Input frequency
Input sensitivity
Input sensitivity
Input overload
Input overload
Output voltage
Output power
Typ.
Max.
Min.
Value
Units
mA
GHz
mVrms
mVrms
mVrms
mVrms
Vp-p
dBm
67
-
-
-
-
-
0·5
112
NOTE
1. Measured into 50
Ω measuring instrument in parallel with 50Ω pullup resistor. See Figure 5.
800
600
400
200
12
3
4
56
7
FREQUENCY (GHz)
OPERATING WINDOW
TESTED AS PER
TABLE OF
ELECTRICAL
CHARACTERISTICS
Figure3 Typical input sensitiviy (sinewave drive)
SP8902



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com