Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8902 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SP8902
Description  5GHZ 첨2 Fixed Modulus Divider
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8902 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SP8902 Datasheet HTML 1Page - Mitel Networks Corporation SP8902 Datasheet HTML 2Page - Mitel Networks Corporation SP8902 Datasheet HTML 3Page - Mitel Networks Corporation SP8902 Datasheet HTML 4Page - Mitel Networks Corporation SP8902 Datasheet HTML 5Page - Mitel Networks Corporation SP8902 Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SP8902 (MP)
5GHZ 4
4
4
4
42 Fixed Modulus Divider
Preliminary Information
DS4375 Issue 1.4 September 1999
Ordering Information
SP8902/KG/MP1S (tubes)
SP8902/KG/MP1T (tape and reel)
The SP8902 is one of a range of very high speed low
power prescalers for professional applications. The dividing
elements are static D type flip flops and therefore allow
operation down to DC if the drive signal is a pulse waveform
with fast risetime. The output stage has a differential current
output and provides a direct drive into a 50 ohm load.
Features
G Very High Operating Speed
G Operation down to DC with Square Wave Input
G Silicon Technology for Low Phase Noise
(Typically better than 2140dBc/Hz at 1KHz)
G 5V Single Supply Operation
G Low Power Dissipation: 335mW (Typ.)
G Surface Mount Plastic Package
Absolute Maximum Ratings
Supply voltage, VCC
Storage temperature
Maximum junction temperature
Prescaler input voltage
Operating temperature
6·5V
265
°C to 1150°C
1150
°C
2·5Vp-p
KG240
°C to 185°C T
CASE
Figure 1 block diagram
42
400
400
VCC
VREF
OUTPUT
VCC
10mA
OUTPUT
OUTPUT
18
7
6
2
3
INPUT
INPUT
44
GND


Similar Part No. - SP8902

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8902 ZARLINK-SP8902 Datasheet
249Kb / 7P
5GHZ/ 2 Fixed Modulus Divider
SP8902/KG/MP1S ZARLINK-SP8902/KG/MP1S Datasheet
249Kb / 7P
5GHZ/ 2 Fixed Modulus Divider
SP8902/KG/MP1T ZARLINK-SP8902/KG/MP1T Datasheet
249Kb / 7P
5GHZ/ 2 Fixed Modulus Divider
More results

Similar Description - SP8902

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8802 MITEL-SP8802 Datasheet
93Kb / 5P
3.3GHz 첨 2 fixed Modulus Divider
SP8904 MITEL-SP8904 Datasheet
95Kb / 6P
5GHZ 첨 4 Fixed Modulus Divider
SP8908 MITEL-SP8908 Datasheet
94Kb / 6P
5GHZ 48 Fixed Modulus Divider
SP8910 MITEL-SP8910 Datasheet
96Kb / 6P
5GHZ 첨10 Fixed Modulus Divider
SP8916 MITEL-SP8916 Datasheet
96Kb / 6P
5GHZ 첨16 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8804 ZARLINK-SP8804 Datasheet
558Kb / 6P
3.3GHZ 첨 4 Fixed Modulus Divider
SP8808 ZARLINK-SP8808 Datasheet
441Kb / 5P
3.3GHz 첨 Fixed Modulus Divider
SP8902 ZARLINK-SP8902 Datasheet
249Kb / 7P
5GHZ/ 2 Fixed Modulus Divider
SP8908 ZARLINK-SP8908 Datasheet
408Kb / 6P
5GHZ 첨 8 Fixed Modulus Divider
SP8916 ZARLINK-SP8916 Datasheet
553Kb / 7P
5GHZ 첨 16 Fixed Modulus Divider
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com