Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5876 Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM5876
Description  3rd-order, 2-channel D/A Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5876 Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM5876 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 17Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
SM5876AM
NIPPON PRECISION CIRCUITS—13
FUNCTIONAL DESCRIPTION
System Clock/Speed Switching (XTI, XTO, CKO, CKSL)
Note that the input clock accuracy and signal-to-
noise ratio greatly influence the AC analog character-
istics. Accordingly, care should be taken to ensure
that the clock is free from jitter.
The system clock can be controlled by a crystal
oscillator comprising a crystal connected between
XTI and XTO and the built-in CMOS inverter. Alter-
natively, an external system clock can be input on
XTI. As the internal CMOS inverter has a feedback
resistor, the external clock can be AC coupled to
XTI. The system clock is output on CKO.
The system clock on XTI can be set to run at one of
two speeds, 384fs (normal speed) or 768fs (double-
speed), where fs is the input frequency on LRCI. The
speed for CD playback is set by the input level on
CKSL, as shown in table 1.
Table 1. System clock select
Parameter
Symbol
CKSL
HIGH
LOW
XTI input clock
frequency
fXI
(= 1/tXI)
768fs
384fs
CD playback XTI
frequency
fXI
33.8688 MHz
at fs = 44.1
kHz
16.9344 MHz
at fs = 44.1
kHz
CKO output clock
frequency
fCO
768fs
384fs
Internal system
clock period
TSYS
2tXI
tXI
System Reset (RSTN)
The device should be reset in the following cases.
s
At power ON
s
When LRCI and/or the system clock XTI stop, or
other abnormalities occur.
s
When switching the XTI clock 768fs
⇔ 384fs.
The device is reset by applying a LOW-level pulse on
RSTN. At system reset, the internal arithmetic opera-
tion and output timing counter are synchronized on
the next LRCI rising edge, as shown in figure 1.
Output mute
At power-ON reset (when RSTN goes LOW), the
outputs LO (LON) and RO (RON) enter the output
mute state. Mute is released on the 9th LRCI rising
edge after RSTN goes HIGH. During this cycle, the
timing reset can cause output noise to be generated.
Figure 1. System reset timing
LRCI
RSTN
Internal
Reset
LO(LON)
RO(RON)
Low
Output Muted
123
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com