Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5877 Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM5877
Description  3rd-order , 2-channel D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5877 Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM5877 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SM5877AM
NIPPON PRECISION CIRCUITS—10
AC Analog Characteristics
Normal-voltage: DVSS = AVSS = XVSS = 0 V, DVDD = AVDD = XVDD = 5 V, AVDD = AVDDL = AVDDR, DS =
0 V, DEEM = 0 V, crystal oscillator frequency fOSC = 16.9344 MHz, Ta = 25 °C
Low-voltage: DVSS = AVSS = XVSS = 0 V, DVDD = AVDD = XVDD = 3 V, AVDD = AVDDL = AVDDR, DS = 0 V,
DEEM = 0 V, crystal oscillator frequency fOSC = 16.9344 MHz, Ta = 25 °C
1. Signal-to-noise is measured following a device reset, with DATA = 0 (DI = LOW). Under these conditions, the signal-to-noise ratio includes noise-shaper
noise.
1. Signal-to-noise is measured following a device reset, with DATA = 0 (DI = LOW). Under these conditions, the signal-to-noise ratio includes noise-shaper
noise.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Total harmonic distortion
THD
+ N
1 kHz, 0 dB
–
0.004
0.010
%
LSI output level
Vout1
1 kHz, 0 dB
1.1
1.2
1.3
Vrms
Evaluation board output level
Vout2
1 kHz, 0 dB
–
1.2
–
Vrms
Dynamic range
D.R
1 kHz,
−60 dB
91
97
–
dB
Signal-to-noise ratio1
S/N
1 kHz, 0/
−∞ dB
90
96
–
dB
Channel separation
Ch. Sep
1 kHz,
−∞/0 dB
87
93
–
dB
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Total harmonic distortion
THD
+ N
1 kHz, 0 dB
–
0.009
0.030
%
LSI output level
Vout1
1 kHz, 0 dB
0.65
0.71
0.77
Vrms
Evaluation board output level
Vout2
1 kHz, 0 dB
–
0.71
–
Vrms
Dynamic range
D.R
1 kHz,
−60 dB
74
86
–
dB
Signal-to-noise ratio1
S/N
1 kHz, 0/
−∞ dB
74
84
–
dB
Channel separation
Ch. Sep
1 kHz,
−∞/0 dB
72
82
–
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com