Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5877 Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM5877
Description  3rd-order , 2-channel D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5877 Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM5877 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 15Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SM5877AM
NIPPON PRECISION CIRCUITS—11
AC Measurement Circuit and Conditions
Measurement circuit block diagram
Measurement conditions
1. Pins LO and RO should have an output load of 10 k
Ω (min).
Parameter1
Symbol
3346A left/right-channel
selector switch
AD725C distortion analyzer
with built-in filter
Total harmonic distortion
THD
+ N
THRU
20 kHz lowpass filter ON
400 Hz highpass filter OFF
Output level
Vout
Dynamic range
DR
D-RANGE
Signal-to-noise ratio
S/N
THRU
20 kHz lowpass filter ON
400 Hz highpass filter OFF
JIS A filter ON
Channel separation
Ch. Sep
THRU
20 kHz lowpass filter ON
400 Hz highpass filter OFF
Distortion
analyzer
Left/Right
channel selector
Evaluation
board
Signal
generator
CKO (384fs)
BCK
LRCK (fs)
DATA
Left channel
Right channel
fs = 44.1 kHz
DATA = 16 bits
NF Corporation 3346A.
10 k
Ω input impedance
Shibasoku AD725C.
RMS measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com