Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP306 Datasheet(PDF) 21 Page - Mitel Networks Corporation

Part # VP306
Description  Satellite Channel Decoder
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP306 Datasheet(HTML) 21 Page - Mitel Networks Corporation

Back Button VP306 Datasheet HTML 17Page - Mitel Networks Corporation VP306 Datasheet HTML 18Page - Mitel Networks Corporation VP306 Datasheet HTML 19Page - Mitel Networks Corporation VP306 Datasheet HTML 20Page - Mitel Networks Corporation VP306 Datasheet HTML 21Page - Mitel Networks Corporation VP306 Datasheet HTML 22Page - Mitel Networks Corporation VP306 Datasheet HTML 23Page - Mitel Networks Corporation VP306 Datasheet HTML 24Page - Mitel Networks Corporation VP306 Datasheet HTML 25Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
DRAFT - PRELIMINARY DATA
VP305/6
The duplication or disclosure of data contained on this sheet is subject to the restrictions
on the title page of this document.
21
NAME
ADR
D7D6D5D4D3D2
D1D0
R/W
ID
0
ID[7:0] Chip identification
R
SCALE
1
SCALE[7:0] Scale factor for IOUT and QOUT outputs
R/W
SNR_THS
2
SNR_THS[7:0] SNR estimator threshold
R/W
CR_OFFSET
3
CR_OFFSET[7:0] Carrier loop DC offset compensation value
R/W
CR_RP
4
Reserved
CR_RP[3:0] Carrier reference period
R/W
CR_KP
5
CR_KP[7:0] Carrier loop filter gain (P term)
R/W
CR_KD
6
CR_KD[7:0] Carrier loop filter gain (D term)
R/W
CR_THSL
7
CR_THSL[7:0] Carrier lock detector threshold
R/W
Table 5d Register bank 2. BANK[5:3] = 16.
NAME
ADR
D7D6D5D4D3D2
D1D0
R/W
ID
0
ID[7:0] Chip identification
R
CR_SWR
1
CR_SWR[7:0] Carrier sweep rate
R/W
CR_USWL U
2
Reserved
CR_USWL[13:8] Carrier Upper sweep limit (upper nibble)
R/W
CR_USWL L
3
CR_USWL[7:0] Carrier Upper sweep limit (lower byte)
R/W
CR_LSWL U
4
Reserved
CR_LSWL[13:8] Carrier Lower sweep limit (upper nibble)
R/W
CR_LSWL L
5
CR_LSWL[7:0] Carrier Lower sweep limit (lower byte)
R/W
CR_CONFIG
6
CR_CONFIG[7:0] Carrier configuration
R/W
CONFIG
7
CONFIG[7:0] Configuration
R/W
Table 5e. Register bank 3. BANK[5:3] = 24.
NAME
ADR
D7D6D5D4D3D2
D1D0
R/W
ID
0
ID[7:0] Chip identification
R
VIT_ERR_C H
1
VERRC[15:8] - Viterbi error count high byte
R
VIT_ERR_C L
2
VERRC[7:0] - Viterbi error count low byte
R
RS_UBC
3
RSUBC[7:0] - Reed Solomon uncorrected block count
R
Not used
4 - 7
Writing to these addresses will have no effect. Reading will return 255
R/W
Table 5f. Register bank 4. BANK[5:3] = 32.
Note: In Bank 4, the registers 1 to 3 are READ only and registers 4 to 7 are not used. Writing to
these addresses will have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com