Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP306 Datasheet(PDF) 36 Page - Mitel Networks Corporation

Part # VP306
Description  Satellite Channel Decoder
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP306 Datasheet(HTML) 36 Page - Mitel Networks Corporation

Back Button VP306 Datasheet HTML 32Page - Mitel Networks Corporation VP306 Datasheet HTML 33Page - Mitel Networks Corporation VP306 Datasheet HTML 34Page - Mitel Networks Corporation VP306 Datasheet HTML 35Page - Mitel Networks Corporation VP306 Datasheet HTML 36Page - Mitel Networks Corporation VP306 Datasheet HTML 37Page - Mitel Networks Corporation VP306 Datasheet HTML 38Page - Mitel Networks Corporation VP306 Datasheet HTML 39Page - Mitel Networks Corporation VP306 Datasheet HTML 40Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 85 page
background image
VP305/6
DRAFT - PRELIMINARY DATA
The duplication or disclosure of data contained on this sheet is subject to the restrictions
on the title page of this document.
36
2.7. BANK 2: Program QPSK registers.
2.7.1. SCALE: IOUT and QOUT outputs, scale factor register.
Parallel mode -
Bank 2. Address 1.
Type Read / Write.
Serial mode - Address 17.
7
6543210
SCALE[7:0] Scale factor for IOUT and QOUT outputs
SCALE[7:0]
Scale factor for IOUT and QOUT outputs. The value in the SCALE register adjusts
the matched filter outputs before the signal is truncated to 3 bits. These signals are
output from the QPSK block and fed direct to the Viterbi block.
For an AGC_REF setting of 84, the SCALE value is recommended to be set to 158.
2.7.2. SNR_THS: Signal to noise ratio estimator threshold register.
Parallel mode -
Bank 2. Address 2.
Type Read / Write.
Serial mode - Address 18.
7654
3210
SNR_THS[7:0] SNR estimator threshold
SNR_THS[7:0]
SNR estimator threshold.
The SNR is compared internally to the value set in the SNR_THS register. Fig 14 on
page 38 shows the relationship between the parameter and the Symbol energy to
Noise power ratio (Es / No). A value for SNR_THS of 100 which corresponds to an
Es / No of 11dBs is recommended during tracking mode. After acquisition is
complete, set the SNR_THS value to zero.
Es / No (dB )
0
50
100
150
200
250
AGC_REF = 84
Fig. 13 SNR threshold vs. Es / No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com