Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM801M Datasheet(PDF) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BM801M
Description  Low Capacitance and Insertion Loss
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BM801M Datasheet(HTML) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

  BM801M Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BM801M Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BM801M Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
Gas
`
Si
H
L
F
R
M
Elec
A
Ap
Fea
Age
Op
1) A
2) In
3) Te
3
www.be
s Discharge
ize Design 8.
High Current H
Low Capacitan
ast Response
Reliable to Pro
Moisture sensi
ctrical Param
AC Power
plication in
atures
ency Appro
DC Breakd
Impulse Sp
Impulse Dis
Arc
Insulati
Capacita
W
perating and
M
At delivery AQ
n ionized mod
Terms and cur
Icon
C
C
M
C
encent.com
Tube
3×8.3×6mm
Handling Ca
nce and Inser
e and Long Se
otect Electros
itivity level
:
meter
nformation
ovals
down Voltage
park-over Vol
scharge Curr
c Voltage
on Resistanc
ance at 1 MH
Weight
storage Temp
Marking
QL 0.65 level
de
rrent waveform
Compliance with
Compliance with
Mean lead free
Compliance with
m.cn
m
apability 20,00
rtion Loss
ervice Life
static Surge
Level 1
e1)2)
ltage
ent3)
e
Hz
perature
II GB/T 282
ms in accord
Description
h 2011/65/EU
h IEC61249-2-21
h UL1449, Certif
00A @ 8/20μ
100V/s
At 1kV/
At 1kV/
8/20μs ±5t
At 1A
DC=100
VDC=0.5
28.1-2003
ance with ITU
n
:2003
ficated E337906
Customers sho
μ
s
Sc
Pa
Ex
s
μ
s
μ
s
times
0V
5V
U-T Rec. K.
S
uld verify actua
chematic Sy
ackage (Top
xterior
for 99 % of
Typical valu
12; IEC 6164
Specifications a
al device perfor
ymbol
p View)
1
1
640-960
f measured va
ues of distribu
20,000
~15
≥1
≤1.5
~1.75
-40-90
Without
SM
43-21
are subject to ch
rmance in their
Order Co
Versi
2
alues  1200
ution 1150
MD
BM80
hange without n
specific applic
ode: BM8
ion: A0 2013
2
V
0
V
0
V
A
V
GΩ
pF
g
℃
1M
notice.
ations
801M
-09-14
V
V
V
A
V
Ω
F
g
℃


Similar Part No. - BM801M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BM801M BENCENT-BM801M Datasheet
304Kb / 3P
Gas Discharge Tube
BM801M BENCENT-BM801M_16 Datasheet
304Kb / 3P
Gas Discharge Tube
More results

Similar Description - BM801M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
B3D230L-CD BENCENT-B3D230L-CD Datasheet
310Kb / 3P
Low Capacitance and Insertion Loss
B3D350M-R BENCENT-B3D350M-R Datasheet
270Kb / 3P
Low Capacitance and Insertion Loss
B3D1000L1-C BENCENT-B3D1000L1-C Datasheet
344Kb / 3P
Low Capacitance and Insertion Loss
BA301N-D BENCENT-BA301N-D Datasheet
259Kb / 3P
Low Capacitance and Insertion Loss
BC601N BENCENT-BC601N Datasheet
260Kb / 3P
Low Capacitance and Insertion Loss
BD122-1 BENCENT-BD122-1 Datasheet
289Kb / 3P
Low Capacitance and Insertion Loss
BF091M BENCENT-BF091M Datasheet
207Kb / 3P
Low Capacitance and Insertion Loss
BF102M BENCENT-BF102M Datasheet
231Kb / 3P
Low Capacitance and Insertion Loss
BF231M BENCENT-BF231M Datasheet
181Kb / 3P
Low Capacitance and Insertion Loss
BM601M BENCENT-BM601M Datasheet
272Kb / 3P
Low Capacitance and Insertion Loss
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com