Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM801M Datasheet(PDF) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BM801M
Description  Low Capacitance and Insertion Loss
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BM801M Datasheet(HTML) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

  BM801M Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BM801M Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BM801M Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
Gas
(1)
(L
(2)
(3)
N=
Par
Rec
Pro
Env
Hi
Lo
Vib
Re
Not
Sol
3
www.be
s Discharge
BM
(1)
Bencent SM
L×W×H) (mm
DC Breakdo
Tolerance
±30%
rt Numberin
commended
oduct Dimen
vironmental
T
igh Temperatu
ow Temperatu
bration
esistance of so
te: Up-screen
lderability t
Sold
encent.com
Tube
801
M
(2)
(
3
MD Gas Disch
m) dimension
wn Voltage, e.
is DC Brea
ng System
d soldering
nsions
l Reliability
Testing items
ure Storage T
ure Storage T
oldering heat
n program ca
est
derability
m.cn
M
3)
harge Tube w
.g., 091=9×101
akdown Volt
pad
y Characteri
s
Test
Test
t
an be specifie
S
with 8.3×8.3×
1=90V
age, M=±20%
istics
Tempera
Time:2H
Tempera
Time:2H
Frequenc
Amplitu
Time:4
Tempera
Time of
ed by custom
Solder Pot Tem
Solder Dwe
Customers sho
×6
%,
T
Pr
ature: 85℃
H
ature: -40℃
H
cy:10-500H
ude:0.15mm
45mins
ature: 260±5℃
dip soldering
mer’s request
mperature:
ell Time:
S
uld verify actua
Lead Mater
Body Mater
Terminal Fin
roduct Char
Techn
Hz
m
℃
g:10s,1tim
REF
A
B
C
D
E
F
REF
A
B
C
via contactin
Specifications a
al device perfor
rial
rial
nish
1
racteristics
nical standard
me
mm
Φ
9.3±0.
4.2±0.1
8.3±0.2
8.3±0.2
0.5±0.0
6±0.2
mm
7.95
4.5
8
ng Bencent s
245
4-6
are subject to ch
rmance in their
Order Co
Versi
Copp
Ceram
100% Matte-
ds
.1
Φ
1
0
2
0
2
0
5
0
service
5℃±5℃
6 seconds
BM80
hange without n
specific applic
ode: BM8
ion: A0 2013
per
mics
-Tin Plated
inch
Φ
0.366±0.004
0.165±0.004
0.327±0.008
0.327±0.008
0.02±0.002
0.236±0.008
inch
0.313
0.177
0.315
1M
notice.
ations
801M
-09-14
4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com