Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BV03DW Datasheet(PDF) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BV03DW
Description  Ultra low capacitance - 3.0 pF maximum
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BV03DW Datasheet(HTML) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

  BV03DW Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BV03DW Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BV03DW Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. BV03DW Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
BV03DW
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
www.bencent.com.cn
Order Code: BV03DW
Version: A0 2014-02-19
Transient Voltage Suppressor
IEC 61000-4-2(ESD)±15KV(air), ±8KV(contact)
450Watts peak pulse power (tp=8/20μ S)
Ultra low capacitance:3.0 pF maximum
Low clamping voltage
Moisture sensitivity level:Level 1
Weight 5.0 mg
Small package:SOD323
Ethernet
Part
Number
IDRM@VDRM
VBR①@IR
Vc@Ipp②
Vc@Ipp②
CO③
μA
V
V
mA
V
A
V
A
pF
MAX
MIN
MAX
MAX
MAX
BV03DW
0.5
3.3
3.5
1
5.8
1
18
25
3
Absolute maximum ratings measured at T= 25ºC RH = 45%-75% (unless otherwise noted).
① VBR is measured at IR=1mA
②Surge Waveform: 8/20μ S.
③Off-state capacitance is measured in VDC=0V,VRMS=1V,f=1MHz
Part Number and Electrical Parameter
BV
03DW
(1)
(2)
Part Numbering System
Mark
B42LC
K3: Part Number
Application information
rmation
Features
Exterior
0909
Agency Approvals
Icon
Description
Compliance with 2011/65/EU
Compliance with IEC61249-2-21:2003
Mean lead free
B006U2G
0909
1
2
(1) Bencent Transient Voltage Suppressor
(2) Series: 03 etc.
SOD323
K3


Similar Part No. - BV03DW

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BV03DW BENCENT-BV03DW Datasheet
277Kb / 4P
Transient Voltage Suppressor
BV03DW BENCENT-BV03DW_16 Datasheet
277Kb / 4P
Transient Voltage Suppressor
More results

Similar Description - BV03DW

ManufacturerPart #DatasheetDescription
logo
NEC
PS7200A-1A NEC-PS7200A-1A_01 Datasheet
67Kb / 7P
4 PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
logo
Littelfuse
SP3011 LITTELFUSE-SP3011 Datasheet
265Kb / 6P
Ultra-Low Capacitance Diode Array for USB 3.0 ESD Protection
logo
NXP Semiconductors
PESD5V0L1BSF NXP-PESD5V0L1BSF Datasheet
167Kb / 13P
Ultra low profile bidirectional low capacitance
Rev. 1-18 February 2011
logo
SeCoS Halbleitertechnol...
SGESD2201-33 SECOS-SGESD2201-33 Datasheet
232Kb / 3P
Ultra Low Capacitance
logo
Renesas Technology Corp
PS7801D-1A RENESAS-PS7801D-1A Datasheet
322Kb / 15P
4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE (0.6 pF)
logo
Yea Shin Technology Co....
YSULCXXDT3 YEASHIN-YSULCXXDT3 Datasheet
188Kb / 3P
ULTRA LOW CAPACITANCE
logo
Shenzhen Bencent Electr...
BV_SD05 BENCENT-BV_SD05 Datasheet
377Kb / 4P
Ultra low capacitance - 320pF maximum
BV05C BENCENT-BV05C Datasheet
306Kb / 4P
Ultra low capacitance - 1.5pF maximum
BV08C BENCENT-BV08C Datasheet
305Kb / 4P
Ultra low capacitance - 1.5pF maximum
logo
MORNSUN Science& Techno...
QA2401C-20 MORNSUN-QA2401C-20 Datasheet
1,020Kb / 4P
Ultra low isolation capacitance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com