Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BV03DW Datasheet(PDF) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BV03DW
Description  Ultra low capacitance - 3.0 pF maximum
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BV03DW Datasheet(HTML) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

  BV03DW Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BV03DW Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BV03DW Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. BV03DW Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
BV03DW
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
www.bencent.com.cn
Order Code: BV03DW
Version: A0 2014-02-19
Transient Voltage Suppressor
symbol
Parameter
Value
Unit
TJ
Operating Junction Temperature Range
-55 to +150
℃
TS
Storage Temperature Range
-55 to +150
℃
Parameters
Definition
VC
Clamping voltage
Ipp
Surge waveform 8/20μ s
VDRM
Stand-off Voltage
VBR
Breakdown Voltage
IDRM
Reverse Leakage Current
IR
Test current
Ppp
Peak Pulse Power Dissipation
Typical Characteristics
Thermal Considerations
V-I Curve
VDRM
VBR
VC
IDRM
IR
IDRM
VDRM VBR
VC
IR
IPP
IPP
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com