Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATP613 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ATP613
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ATP613 Datasheet(HTML) 1 Page - ON Semiconductor

  ATP613 Datasheet HTML 1Page - ON Semiconductor ATP613 Datasheet HTML 2Page - ON Semiconductor ATP613 Datasheet HTML 3Page - ON Semiconductor ATP613 Datasheet HTML 4Page - ON Semiconductor ATP613 Datasheet HTML 5Page - ON Semiconductor ATP613 Datasheet HTML 6Page - ON Semiconductor ATP613 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
D2612 TKIM TC-00002855/D1510QB TKIM TC-00002545 No. A1903-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
July, 2013
ATP613
N-Channel Power MOSFET
500V, 5.5A, 2Ω, ATPAK
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
1 : Gate
2 : Drain
3 : Source
4 : Drain
ATPAK
0.4
0.55
13
2
6.5
0.6
4
0.8
1.5
0.4
2.6
4.6
0.4
2.3
2.3
ATP613-TL-H
Features
•
Reverse recovery time trr=60ns(typ.)
•
ON-resistance RDS(on)=1.55Ω(typ.)
•
Input Capacitance Ciss=350pF(typ.)
•
10V drive
•
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
500
V
Gate-to-Source Voltage
VGSS
±30
V
Drain Current (DC)
ID
5.5
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
19
A
Source-to-Drain Diode Forward Current (DC)
IS
5.5
A
Source-to-Drain Diode Forward Current (Pulse)
ISP
PW≤10μs, duty cycle≤1%
19
A
Allowable Power Dissipation
PD
Tc=25°C70
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Avalanche Energy (Single Pulse) *1
EAS
93
mJ
Avalanche Current *2
IAV
5.5
A
Note :
*1 VDD=99V, L=5mH, IAV=5.5A (Fig.1)
*2 L≤5mH, Single pulse
Package Dimensions
unit : mm (typ)
7057-001
Ordering number : ENA1903A
Product & Package Information
• Package
: ATPAK
• JEITA, JEDEC
: -
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
TL
ATP613
LOT No.
1
3
2,4


Similar Part No. - ATP613

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ATP613 SANYO-ATP613 Datasheet
385Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
ATP613 SANYO-ATP613 Datasheet
493Kb / 7P
General-Purpose Switching Device Applications
ATP613 SANYO-ATP613_11 Datasheet
392Kb / 5P
General-Purpose Switching Device Applications
ATP613 SANYO-ATP613_12 Datasheet
493Kb / 7P
General-Purpose Switching Device Applications
More results

Similar Description - ATP613

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com