Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATP613 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ATP613
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ATP613 Datasheet(HTML) 3 Page - ON Semiconductor

  ATP613 Datasheet HTML 1Page - ON Semiconductor ATP613 Datasheet HTML 2Page - ON Semiconductor ATP613 Datasheet HTML 3Page - ON Semiconductor ATP613 Datasheet HTML 4Page - ON Semiconductor ATP613 Datasheet HTML 5Page - ON Semiconductor ATP613 Datasheet HTML 6Page - ON Semiconductor ATP613 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ATP613
No. A1903-3/7
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
RDS(on) -- Tc
IS -- VSD
SW Time -- ID
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Diode Forward Voltage, VSD -- V
| yfs | -- I
D
Ciss, Coss, Crss -- VDS
VDS=20V
IT16201
IT16202
012
10
0
0
12
2
6
8
10
4
20
26
12
48
16
14
10
18
0
12
8
2
4
10
6
6
24
8
VGS=5V
Tc=25
°C
6V
7V
8V
10V
15V
25°C
75°C
050
35
30
40
45
15
10
520
25
IT16208
IT16207
IT16206
0
0.2
0.4
0.6
0.8
1.0
1.2
1.6
1.4
0.01
7
5
3
2
IT16205
f=1MHz
Coss
Crss
0.01
0.1
2
23
5
23
57
1.0
35 7
10
7
100
1000
10
3
2
5
7
3
2
5
7
0.1
1.0
7
23
5
10
VDD=200V
VGS=10V
td(off)
tf
td(on)
t r
IT16203
0
0
5.0
15
2
4
6
8
101214
4.5
3.0
4.0
3.5
0.5
1.0
2.5
2.0
1.5
ID=2.75A
Single pulse
Tc=75
°C
--25
°C
0.1
2
23
5
7
Ciss
Tc=
--25
°C
75°
C
25°
C
0.1
0.01
7
5
3
2
7
5
3
2
1.0
10
7
5
3
2
1.0
7
5
3
2
10
7
5
3
2
100
7
5
3
10
100
1000
7
5
7
5
3
2
3
2
25
°C
VDS=10V
IT16204
--50
--25
0
25
50
75
100
125
150
0
5.0
3.5
1.5
0.5
4.5
3.0
2.5
4.0
2.0
1.0
V GS
=10V
, I D
=2.75A
Single pulse
VGS=0V
Single pulse



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com