Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP720AP Datasheet(PDF) 3 Page - Harris Corporation

Part # SP720AP
Description  Electronic Protection Array for ESD and Over-Voltage Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

SP720AP Datasheet(HTML) 3 Page - Harris Corporation

  SP720AP Datasheet HTML 1Page - Harris Corporation SP720AP Datasheet HTML 2Page - Harris Corporation SP720AP Datasheet HTML 3Page - Harris Corporation SP720AP Datasheet HTML 4Page - Harris Corporation SP720AP Datasheet HTML 5Page - Harris Corporation SP720AP Datasheet HTML 6Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
6-5
FIGURE 2. LOW CURRENT SCR FORWARD VOLTAGE DROP
CURVE
FIGURE 3. HIGH CURRENT SCR FORWARD VOLTAGE DROP
CURVE
FIGURE 4. TYPICAL APPLICATION OF THE SP720 AS AN INPUT CLAMP FOR OVER-VOLTAGE, GREATER THAN 1VBE ABOVE V+ OR
LESS THAN -1VBE BELOW V-
600
800
1000
1200
FORWARD SCR VOLTAGE DROP (mV)
100
80
60
40
20
0
TA = 25
oC
SINGLE PULSE
2.5
2
1.5
1
0.5
0
TA = 25
oC
SINGLE PULSE
VFWD
IFWD
01
2
3
FORWARD SCR VOLTAGE DROP (V)
EQUIV. SAT. ON
THRESHOLD ~ 1.1V
+VCC
+VCC
INPUT
DRIVERS
PROTECTION CIRCUIT
(1 OF 14 ON CHIP)
SP720 INPUT
OR
SIGNAL
SOURCES
IN 9-15
IN 1-7
SP720
V-
TO +VCC
LINEAR OR
DIGITAL IC
INTERFACE
V+
SP720



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com