Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP720AP Datasheet(PDF) 4 Page - Harris Corporation

Part # SP720AP
Description  Electronic Protection Array for ESD and Over-Voltage Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

SP720AP Datasheet(HTML) 4 Page - Harris Corporation

  SP720AP Datasheet HTML 1Page - Harris Corporation SP720AP Datasheet HTML 2Page - Harris Corporation SP720AP Datasheet HTML 3Page - Harris Corporation SP720AP Datasheet HTML 4Page - Harris Corporation SP720AP Datasheet HTML 5Page - Harris Corporation SP720AP Datasheet HTML 6Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
6-6
Peak Transient Current Capability of the SP720
The peak transient current capability rises sharply as the
width of the current pulse narrows. Destructive testing was
done to fully evaluate the SP720’s ability to withstand a wide
range of transient current pulses. The circuit used to
generate current pulses is shown in Figure 5.
The test circuit of Figure 5 is shown with a positive pulse
input. For a negative pulse input, the (-) current pulse input
goes to an SP720 ‘IN’ input pin and the (+) current pulse
input goes to the SP720 V- pin. The V+ to V- supply of the
SP720 must be allowed to float. (i.e., It is not tied to the
ground reference of the current pulse generator.) Figure 6
shows the point of overstress as defined by increased
leakage in excess of the data sheet published limits.
The maximum peak input current capability is dependent on
the V+ to V- voltage supply level, improving as the supply
voltage is reduced. Values of 0, 5, 15 and 30 voltages are
shown. The safe operating range of the transient peak
current should be limited to no more than 75% of the
measured overstress level for any given pulse width as
shown in Figure 6.
When adjacent input pins are paralleled, the sustained peak
current capability is increased to nearly twice that of a single
pin. For comparison, tests were run using dual pin
combinations 1+2, 3+4, 5+6, 7+9, 10+11, 12+13 and 14+15.
The overstress curve is shown in Figure 6 for a 15V supply
condition. The dual pins are capable of 10A peak current for
a 10
µs pulse and 4A peak current for a 1ms pulse. The
complete for single pulse peak current vs. pulse width time
ranging up to 1 second are shown in Figure 6.
+
-
CURRENT
SENSE
VOLTAGE
PROBE
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN
IN
IN
IN
IN
IN
V-
IN
V+
IN
IN
IN
IN
IN
IN
IN
+
-
R1 ~ 10Ω TYPICAL
SP720
VG
VG ADJ. 10V/A TYPICAL
R1
(-)
(+)
C1
~ 100
µF
C1
VARIABLE TIME DURATION
CURRENT PULSE GENERATOR
FIGURE 5. TYPICAL SP720 PEAK CURRENT TEST CIRCUIT
WITH A VARIABLE PULSE WIDTH INPUT
0.001
0.01
0.1
1
PULSE WIDTH TIME (ms)
10
7
6
5
4
3
2
1
0
0V
5V
15V
V+ TO V- SUPPLY
100
1000
10
9
30V
15V
CAUTION: SAFE OPERATING CONDITIONS LIMIT
OF THE VALUES SHOWN ON EACH CURVE.
PULSE WIDTH TO BE NO GREATER THAN 75%
THE MAXIMUM PEAK CURRENT FOR A GIVEN
SINGLE PIN STRESS CURVES
DUAL PIN STRESS CURVE
8
FIGURE 6. SP720 TYPICAL SINGLE PULSE PEAK CURRENT CURVES SHOWING THE MEASURED POINT OF OVER-STRESS IN
AMPERES vs PULSE TIME IN MILLISECONDS (TA = 25
oC)
SP720



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com