Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5902 Datasheet(PDF) 25 Page - Nippon Precision Circuits Inc

Part # SM5902
Description  compression and non compression type shock-proof memory controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5902 Datasheet(HTML) 25 Page - Nippon Precision Circuits Inc

Back Button SM5902 Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 24Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 25Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 26Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 27Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 28Page - Nippon Precision Circuits Inc SM5902 Datasheet HTML 29Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
NIPPON PRECISION CIRCUITS-25
SM5902AF
Correct data demodulation becomes impossible for
the CD signal processor IC when a disturbance
exceeding the RAM jitter margin occurs. The
YFLAG signal input pin is used to indicate when
such a condition has occurred.
The YFCLK is a 7.35 kHz clock synchronized to the
CD format frame 1.
The IC checks the YFLAG input and stops the
encode sequence when such a disturbance has
occurred, and then makes FLAG6 active.
The YFLAG check method used changes depend-
ing on the YFLGS flag and YFCKP flag (85H com-
mand). See table1.
If YFLAGS is set to 1, then YFCLK should be tied
either High or Low.
YFLAG, YFCLK, FLAG6
85H command
YFLGS
YFCKP
FLAG6 set conditions
FLAG6 reset conditions
1
0
0
When YFLAG=LOW on YFCLK input falling edge
- By status read (90H command)
2
1
When YFLAG=LOW on YFCLK input rising edge
- When MSON=LOW
3
1
0
When YFLAG=LOW
YFCLK be tied either High or Low
- After system reset
4
1
When YFLAG=HIGH
Table 1. YFLAG signal check method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com