Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5336 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5336
Description  16-Bit, Stereo A/D Converters for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5336 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5336 Datasheet HTML 18Page - Cirrus Logic CS5336 Datasheet HTML 19Page - Cirrus Logic CS5336 Datasheet HTML 20Page - Cirrus Logic CS5336 Datasheet HTML 21Page - Cirrus Logic CS5336 Datasheet HTML 22Page - Cirrus Logic CS5336 Datasheet HTML 23Page - Cirrus Logic CS5336 Datasheet HTML 24Page - Cirrus Logic CS5336 Datasheet HTML 25Page - Cirrus Logic CS5336 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Features
•• Demonstrates recommended layout
and grounding arrangements
•• CS8402 Generates AES/EBU, S/PDIF
& CP-340 Compatible Digital Audio
•• Buffered Serial Output Interface
•• 16-Bit Parallel Output Interface
•• Digital and Analog Patch Areas
•• On-board or externally supplied system
timing
General Description
The CDB5336, CDB5338 & CDB5339 evaluation
boards allow fast evaluation of the CS5336, CS5338
and CS5339 16-bit, stereo A/D converters. The boards
generate all converter timing signals and provide both
parallel and serial output interfaces. Evaluation re-
quires a digital signal processor, a low-distortion signal
source, and a power supply.
Also included is a CS8402 digital audio transmitter I.C.,
which can generate AES/EBU, S/PDIF & EIAJ CP-340
compatible audio data.
The evaluation boards may also be configured to ac-
cept external timing signals for operation in a user
application during system development.
ORDERING INFORMATION:
CDB5336, CDB5338, CDB5339
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, TX 78760
(512) 445 7222 FAX: (512) 445 7581
AUG ’93
DS23DB5
3-60
Evaluation Board for CS5336, CS5338 & CS5339
Semiconductor Corporation
CDB5336
CDB5338 CDB5339
CS5336,
EXTCLKIN
AINR
AIN L
SDATA
SCLK
SERIAL TO
PARALLEL
CONVERTER
SERIAL
OUTPUT
DATA
PARALLEL
OUTPUT
DATA
L/R
ANALOG
PATCH
AREA
PATCH
AREA
DIGITAL
POWER SUPPLY
REGULATION &
CONDITIONING
NETWORK
OFFSET
CALIBRATION
+5V
GND
+15V
-15V
GND
CS5338,
OR
CS5339
Input
Buffer
Input
Buffer
CLOCK / TIMING
GENERATOR
FSYNC
A/D CONVERTER
CS8402
DIGITAL AUDIO
LINE DRIVER
DIGITAL
AUDIO
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com