Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5336 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS5336
Description  16-Bit, Stereo A/D Converters for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5336 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS5336 Datasheet HTML 26Page - Cirrus Logic CS5336 Datasheet HTML 27Page - Cirrus Logic CS5336 Datasheet HTML 28Page - Cirrus Logic CS5336 Datasheet HTML 29Page - Cirrus Logic CS5336 Datasheet HTML 30Page - Cirrus Logic CS5336 Datasheet HTML 31Page - Cirrus Logic CS5336 Datasheet HTML 32Page - Cirrus Logic CS5336 Datasheet HTML 33Page - Cirrus Logic CS5336 Datasheet HTML 34Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
and consumer modes; however, the CS8402 out-
put to the transformer must be modified, as
shown below Table 4, to be compatible with the
consumer interface. Table 4 lists the switch set-
tings for consumer mode. If the C input of
connector P3 is used, the input bits are logically
OR’ed with the appropriate DIP switch bits. In
Tables 3 and 4, the ’C’ bits listed in the com-
ment section are taken from the Digital Audio
Interface specifications. As an example, switch 6
in the professional mode (Table 3) controls C9
which is the inverse of channel status bit 9 (also
listed as byte 1, bit 1 in the CS8402 data sheet).
Channel status bit 9 is one of four bits indicating
channel mode. Therefore, using DIP switch 6,
only two of the available channel modes may be
selected. The C input port on connector P3 may
be used to select other channel modes. See the
CS8401 & CS8402 part data sheet for more in-
formation on the operation of the CS8402.
Switch#
0=Closed, 1=Open
Comment
3
PRO=0
Professional Mode, C0=1 (default)
1
CRE
Local Sample Address Counter & Reliability Flags
default
0
Disabled
1
Internally Generated (channel status bytes 14-17 and byte 22)
5, 2
C6, C7
C6,C7 - Sample Frequency
1
1
00 - Not Indicated - Default to 48 kHz
default
1
0
01 - 48 kHz
0
1
10 - 44.1 kHz
0
0
11 - 32 kHz
4
C1
C1 - Audio
default
1
0 - Normal Audio
0
1 - Non-Audio
6
C9
C8,C9,C10,C11 - Channel Mode (1 of 4 bits)
1
0000 - Not indicated - Default to 2-channel
default
0
0100 - Stereophonic
8, 7
EM1, EM0
C2,C3,C4 - Emphasis
default
1
1
000 - Not Indicated - default to none
1
0
100 - No emphasis
0
1
110 - 50/15
µs
0
0
111 - CCITT J.17
Table 3. CS8402 Switch Definitions - Professional Mode
CDB5336,8,9
3-68
DS23DB5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com