Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5336-TC Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS5336-TC
Description  16-Bit, Stereo A/D Converters for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5336-TC Datasheet(HTML) 2 Page - Cirrus Logic

  CS5336-TC Datasheet HTML 1Page - Cirrus Logic CS5336-TC Datasheet HTML 2Page - Cirrus Logic CS5336-TC Datasheet HTML 3Page - Cirrus Logic CS5336-TC Datasheet HTML 4Page - Cirrus Logic CS5336-TC Datasheet HTML 5Page - Cirrus Logic CS5336-TC Datasheet HTML 6Page - Cirrus Logic CS5336-TC Datasheet HTML 7Page - Cirrus Logic CS5336-TC Datasheet HTML 8Page - Cirrus Logic CS5336-TC Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
CS5336,8,9-K
CS5336-B
CS5336-T
Parameter
Symbol Min Typ Max Min Typ Max Min Typ Max Units
Specified Temperature Range
TA
0
to
70
-40
to
+85
-55
to
+125
°C
Resolution
16
-
-
16
-
-
16
-
-
Bits
Dynamic Performance
Dynamic Range
92.7 95.7
-
90
93.5
-
84
92
-
dB
Signal-to-(Noise + Distortion); THD+N
S/(N+D) 90.7 92.7
-
85
89
-
82
86
-
dB
Signal to Peak Noise
-
96
-
-
95
-
-
94
-
dB
Total Harmonic Distortion
THD
.0025 .001
-
.005 .001
-
.013 .005
-
%
Interchannel Phase Deviation
-
.0001
-
-
.0001
-
-
.0001
-
°
Interchannel Isolation
(dc to 20 kHz)
100 106
-
90
106
-
83
96
-
dB
dc Accuracy
Interchannel Gain Mismatch
-
0.01 0.05
-
.01
.05
-
.01
0.1
dB
Gain Error
(includes Vref tolerance)
-
±1
±5-
±2
±5-
±3
±6%
Gain Drift
(includes Vref drift, Note 1)
-
25
-
-
70
-
-
70
-
ppm/
°C
Bipolar Offset Error
(Note 2)
-
±5 ±15
-
±10 ±30
-
±16 ±65 LSB
Offset Drift
(Note1)
-
15
-
-
20
-
-
20
-
ppm/
°C
ANALOG CHARACTERISTICS (Logic 0 = GND; Logic 1 = VD+; K grade: TA = 25°C; B and T
grades: TA = TMIN to TMAX; VA+, VL+,VD+ = 5V; VA- = -5V; Full-Scale Input Sinewave, 1kHz; Output word
rate = 48 kHz; SCLK = 3.072 MHz; Source Impedance = 50
Ω with 10 nF to AGND; Measurement Bandwidth is
10 Hz to 20 kHz; unless otherwise specified.)
Analog Input
Input Voltage Range
(
±Full Scale)
VIN
±3.5 ±3.68 - ±-3.5 ±3.68 -
±3.5 ±3.68 -
V
Input Impedance
ZIN
-
65
-
-
65
-
-
65
-
k
Ω
Power Supplies
Power Supply Current
(VA+)+(VL+)
IA+
-
25
35
-
25
35
-
25
35
mA
with APD, DPD low
VA-
IA-
-
-25
-35
-
-25
-35
-
-25
-35
mA
(Normal Operation)
VD+
ID+
-
30
45
-
30
45
-
30
50
mA
Power Supply Current
(VA+)+(VL+)
IA+
-
10
50
-
10
50
-
10
50
µA
with APD, DPD high
VA-
IA-
-
-10
-50
-
-10
-50
-
-10
-50
µA
(Power-Down Mode)
VD+
ID+
-
10
400
-
10
400
-
10
400
µA
Power Consumption
(APD, DPD Low)
PDN
-
400 575
-
400 575
-
400 600
mW
(APD, DPD High)
PDS
-
0.15 2.5
-
0.15 2.5
-
0.15 2.5
mW
Power Supply
(dc to 26 kHz)
PSRR
-54-
-54-
-54-
dB
Rejection Ratio
(26 kHz to 3.046 MHz)
-
100
-
-
100
-
-
100
-
dB
Notes:
1. This parameter is guaranteed by design and/or characterization.
2. After calibration with DCAL connected to ACAL, and ZEROL & ZEROR terminated to AGND with an
impedance matched to the AINR & AINL source impedance. Executing a calibration with ACAL tied
low (See Power Down and Offset Calibration section) will yield an offset error of typically less than
± 5LSB.
Specifications are subject to change without notice.
CS5336, CS5338, CS5339
3-40
DS23F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com